Electronic Components Datasheet Search
  English  ▼

X  

KT74 Datasheet(PDF) 1 Page - Marathon Special Products

Part # KT74
Description  Kliptite (Quick Connect) - Single Row
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

KT74 Datasheet(HTML) 1 Page - Marathon Special Products

  KT74 Datasheet HTML 1Page - Marathon Special Products KT74 Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
104
Terminal Block Accessories
Datasheets available at marathonsp.com
Kliptite (Quick Connect) - Single Row
Specifications:
Kliptite (Quick Connect) accept standard female wire terminals. These Klipties are ideal for applications that require a positive, yet
quick disconnect termination. Kliptites are assembled to the block with screws or, in some applications, riveted to the block.
Kliptites are available in 0o, 45o or 90o bends; one side or two side. Material: Brass; Finish: Tin
411 Series
599 Series
699 Series
812 Series
1690 Series1
2590 Series2
2690 Series3
Screw
Construction
799 Series
899 Series
912 Series
Rivet
Construction
0.110
0.187
0.250
0.250
0.250
0.187
0.250
Tab
Width
0.020
0.020
0.032
0.032
0.032
0.020
0.032
Tab
Thickness
KT10
KT28
KT46
KT73
KT46
KT28
KT46
KT11
KT29
KT47
KT74
KT47
KT29
KT47
KT12
KT30
KT48
KT75
KT48
KT30
KT48
KT16
KT34
KT52
KT79
KT52
KT34
KT52
KT17
KT35
KT53
KT80
KT53
KT35
KT53
KT18
KT36
KT54
KT81
KT54
KT36
KT54
(2) 0o tabs
(2) 45o tabs
(2) 90o tabs
(1) 0o tab
(1) 45o tab
(1) 90o tab
1) 1690 Series insulated feed-thru blocks use the 699 Series Kliptites
2) 2590 Series use the 599 Series Kliptites
3) 2690 Series PC block use the 699 Kliptites
.02
[.5]
.18
[4.6]
1.03
[26.2]
Ø.10
[2.5]
.11
[2.8]
45°
.34
[8.6]
.84
[21.4]
.26
[6.6]
.34
[8.7]
.35
[8.9]
90°
KT10
KT12
KT11
KT28
KT30
KT29
.28
[7.1]
.19
[4.8]
.02
[.5]
1.09
[27.8]
Ø .145
[3.67]
.94
[23.9]
.26
[6.7]
45°
.38
[9.5]
.38
[9.6]
.38
[9.5]
KT46
KT48
KT47
KT73
KT75
KT74
.31
[7.9]
Ø .153
[3.88]
1.48
[37.6]
.031
[.79]
.25
[6.4]
45°
.39
[10.0]
1.22
[31.0]
.41
[10.4]
.35
[8.9]
90
°
.56
[14.2]
1.22
[30.9]
Ø .171
[4.34]
.030
[.76]
.23
[5.9]
.41
[10.3]
45°
1.00
[25.4]
.38
[9.7]
.32
[8.1]
.38
[9.7]
90
°
.44
[11.3]
TWO SIDE TABS
KT16
KT18
KT17
KT34
KT36
KT35
KT52
KT54
KT53
KT79
KT81
KT80
ONE SIDE TABS
.59
[15.1]
45°
.25
[6.4]
90°
.25
[6.4]
.75
[19.1]
45°
.38
[9.6]
90°
.38
[9.6]
.90
[22.9]
45°
.34
[8.7]
90
°
.34
[8.6]
.82
[20.8]
45°
.41
[10.3]
90°
.41
[10.3]


Similar Part No. - KT74

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
KT700A1/4 MACOM-KT700A1/4 Datasheet
242Kb / 4P
Knobs, Machined Aluminum
KT700B1/4 MACOM-KT700B1/4 Datasheet
242Kb / 4P
Knobs, Machined Aluminum
logo
List of Unclassifed Man...
KT703 ETC-KT703 Datasheet
56Kb / 1P
KT 703 Thyristor
KT705 ETC-KT705 Datasheet
547Kb / 1P
TIRISTORI I TRIJACI
logo
Kyocera Kinseki Corpota...
KT7050 KSS-KT7050 Datasheet
100Kb / 1P
High stability and high reliability 2.7 to 5.5V drive available Low phases noise
More results

Similar Description - KT74

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
KP448 MICROSEMI-KP448 Datasheet
106Kb / 2P
QUICK CONNECT RECTIFIER
logo
Advanced Technical Mate...
OD-28HQ ATM-OD-28HQ Datasheet
129Kb / 1P
WR28 QUICK CONNECT
logo
Grayhill, Inc
29-104 GRAYHILL-29-104 Datasheet
75Kb / 1P
Quick Connect/Disconnect
logo
TRIAD MAGNETICS
VPS10-2500 TRIAD-VPS10-2500_13 Datasheet
159Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS12-2000 TRIAD-VPS12-2000 Datasheet
159Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS12-3400 TRIAD-VPS12-3400 Datasheet
159Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS12-14000 TRIAD-VPS12-14000 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS16-5000 TRIAD-VPS16-5000 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS16-8100 TRIAD-VPS16-8100 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
VPS20-1250 TRIAD-VPS20-1250_13 Datasheet
161Kb / 1P
QUICK-CONNECT WORLD SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com