Electronic Components Datasheet Search
  English  ▼

X  

KT52 Datasheet(PDF) 2 Page - Marathon Special Products

Part # KT52
Description  Kliptite (Quick Connect) - Single Row
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

KT52 Datasheet(HTML) 2 Page - Marathon Special Products

  KT52 Datasheet HTML 1Page - Marathon Special Products KT52 Datasheet HTML 2Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
105
Terminal Block Accessories
Datasheets available at marathonsp.com
100 Series4
200 Series5
300 Series6
400 Series
600 Series
600A Series
601 Series
602 Series
603 Series
621 RZ Series5
670A GP Series4
670A RZ Series4
671 GP Series5
671 RZ Series5
672 GP Series6
672 RZ Series6
Screw
Construction
800A Series
801 Series
802 Series
Rivet
Construction
0.187
0.250
0.250
0.250
0.187
0.187
0.250
0.250
0.250
0.250
0.187
0.187
0.250
0.250
0.250
0.250
Tab
Width
0.020
0.032
0.032
0.032
0.020
0.020
0.032
0.032
0.032
0.032
0.020
0.020
0.032
0.032
0.032
0.032
Tab
Thickness
KT19
KT37
KT55
KT67
KT19
KT19
KT37
KT55
KT67
KT37
KT19
KT19
KT37
KT37
KT55
KT55
KT20
KT38
KT56
KT68
KT20
KT20
KT38
KT56
KT68
KT38
KT20
KT20
KT38
KT38
KT56
KT56
KT21
KT39
KT57
KT69
KT21
KT21
KT39
KT57
KT69
KT39
KT21
KT21
KT39
KT39
KT57
KT57
KT25
KT43
KT61
KT64
KT25
KT25
KT43
KT61
KT64
KT43
KT25
KT25
KT43
KT43
KT61
KT61
KT26
KT44
KT62
KT65
KT26
KT26
KT44
KT62
KT65
KT44
KT26
KT26
KT44
KT44
KT62
KT62
KT27
KT45
KT63
KT66
KT27
KT27
KT45
KT63
KT66
KT45
KT27
KT27
KT45
KT45
KT63
KT63
(2) 0o tabs
(2) 45o tabs
(2) 90o tabs
(1) 0o tab
(1) 45o tab
(1) 90o tab
4) 100, 670A GP, 670A RZ Series use the 600, 600A Series Kliptites
5) 200, 671 GP, 671 RZ, 621 RZ Series use the 601 Series Kliptites
6) 300, 672 GP, 672 RZ Series use the 602 Series Kliptites
MSP Catalog Designations:
2-SIDE TABS: F1 (0o), F2 (45o), F3 (90o)
1-SIDE TABS: HF1 (0o), HF2 (45o), HF3 (90o)
KT21 (F3)
KT20 (F2)
KT39 (F3)
KT38 (F2)
KT57 (F3)
KT56 (F2)
KT69 (F3)
KT68 (F2)
TWO SIDE TABS
KT25 (HF1)
KT27 (HF3)
KT26 (HF2)
KT43 (HF1)
KT45 (HF3)
KT44 (HF2)
KT61 (HF1)
KT63 (HF3)
KT62 (HF2)
KT64 (HF1)
KT66 (HF3)
KT65 (HF2)
ONE SIDE TABS
KT19 (F1)
KT37 (F1)
KT55 (F1)
KT67 (F1)
.31
[7.9]
1.38
[34.9]
.19
[4.8]
.28
[7.2]
Ø .14
[3.6]
.02
[.5]
45°
.69
[17.5]
.25
[6.4]
1.33
[33.7]
90°
.69
[17.5]
.36
[9.1]
.25
[6.4]
1.84
[46.8]
.42
[10.7]
.33
[8.4]
Ø .18
[4.6]
.032
[.81]
1.57
[39.9]
.37
[9.5]
45°
.83
[21.0]
90
°
.84
[21.4]
.52
[13.1]
.50
[12.7]
1.99
[50.5]
.25
[6.4]
Ø .188
[4.8]
.39
[10.0]
.032
[.81]
45
°
.97
[24.7]
1.68
[42.7]
.41
[10.4]
90°
.56
[14.1]
.91
[23.1]
45°
1.69
[43.0]
.31
[7.9]
1.08
[27.4]
90°
1.08
[27.4]
.43
[10.9]
.94
[23.8]
.59
[15.1]
45°
.59
[15.0]
90
°
1.30
[32.9]
45°
.79
[20.1]
.79
[20.1]
90°
1.42
[36.0]
45°
.92
[23.4]
90°
.88
[22.4]
1.44
[36.5]
45°
1.03
[26.2]
90°
1.02
[26.0]
Kliptite (Quick Connect) - Double Row
1.89
[48.0]
Ø.203 THRU
HOLES
TYP. 3 PLCS.
.41
[10.3]
.63
[15.9]
.25
[6.4]
.032
[.81]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com