Electronic Components Datasheet Search
  English  ▼

X  

KF00 Datasheet(PDF) 1 Page - STMicroelectronics

Part # KF00
Description  Very low drop voltage regulators with inhibit
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KF00 Datasheet(HTML) 1 Page - STMicroelectronics

  KF00_V01 Datasheet HTML 1Page - STMicroelectronics KF00_V01 Datasheet HTML 2Page - STMicroelectronics KF00_V01 Datasheet HTML 3Page - STMicroelectronics KF00_V01 Datasheet HTML 4Page - STMicroelectronics KF00_V01 Datasheet HTML 5Page - STMicroelectronics KF00_V01 Datasheet HTML 6Page - STMicroelectronics KF00_V01 Datasheet HTML 7Page - STMicroelectronics KF00_V01 Datasheet HTML 8Page - STMicroelectronics KF00_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
June 2007
Rev. 9
1/22
22
KF00 series
Very low drop voltage regulators with inhibit
Features
■ Very low dropout voltage (0.4V)
■ Very low quiescent current (typ. 50 µA in OFF
MODE, 500 µA in ON MODE)
■ Output current up to 500 mA
■ Logic-controlled electronic shutdown
■ Output voltages of 1.5; 2.5; 3; 3.3; 4; 5; 5.2; 6; 8
■ Internal current and thermal limit
■ Only 2.2 µF for stability
■ Available in ± 2% accuracy at 25 °C
■ Supply voltage rejection: 70 db (typ.)
■ Temperature range: -40 to 125 °C
Description
The KF00 series are very Low Drop regulators
available in SO-8 package and in a wide range of
output voltages.
The very Low Drop voltage (0.4V) and the very
low quiescent current make them particularly
suitable for Low Noise, Low Power applications
and specially in battery powered systems.
A Shutdown Logic Control function is available
(pin 5, TTL compatible). This means that when
the device is used as a local regulator, it is
possible to put a part of the board in standby,
decreasing the total power consumption. It
requires only a 2.2 µF capacitor for stability
allowing space and cost saving.
DPAK
SO-8
www.st.com
Schematic diagram


Similar Part No. - KF00_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
More results

Similar Description - KF00_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jan-2004
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
Very low drop voltage regulators with inhibit
24-May-2006
KFXXB STMICROELECTRONICS-KFXXB Datasheet
740Kb / 22P
Very low drop voltage regulators with inhibit
14-Dec-2007
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
Very low drop voltage regulators with inhibit
18-Aug-2008
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
Very low drop voltage regulators with inhibit
10-Jul-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com