Electronic Components Datasheet Search
  English  ▼

X  

SCY1 Datasheet(PDF) 3 Page - Sharma Electro Components,Inc

Part # SCY1
Description  Sharma Ceramic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SCY1 Datasheet(HTML) 3 Page - Sharma Electro Components,Inc

  SCY1 Datasheet HTML 1Page - Sharma Electro Components,Inc SCY1 Datasheet HTML 2Page - Sharma Electro Components,Inc SCY1 Datasheet HTML 3Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1000PF
8
7.5±0.8
5
1500PF
8
7.5±0.8
5
2200PF
9
7.5±0.8
5
3300PF
10
7.5±0.8
5
3900PF
12
7.5±0.8
5
4700PF
12
7.5±0.8
5
6800PF
16
9.5±0.8
5
8200PF
16
9.5±0.8
5
+30 ~ -80%
(Y5V)
10000PF
M±20%
18
9.5±0.8
5
Sharma Ceramic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327
Series:
SCY1, SCY2
Voltage Code:
RoHS compliant:
250 - 250VAC
RH
Tolerance Code:
K (10%)
M (20%)
Capacitor Value:
3 digit EIA Code
PART NUMBERING EXPLANATION
400 - 400VAC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com