Electronic Components Datasheet Search
  English  ▼

X  

NX8563LA Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX8563LA
Description  1 550 nm InGaAsP MQW-DFB LASER DIODE MODULE 2.5 Gb/s DIRECTLY MODULATION LIGHT SOURCE FOR DWDM APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LA Datasheet(HTML) 2 Page - California Eastern Labs

  NX8563LA Datasheet HTML 1Page - California Eastern Labs NX8563LA Datasheet HTML 2Page - California Eastern Labs NX8563LA Datasheet HTML 3Page - California Eastern Labs NX8563LA Datasheet HTML 4Page - California Eastern Labs NX8563LA Datasheet HTML 5Page - California Eastern Labs NX8563LA Datasheet HTML 6Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NX8563LA Series
PACKAGE DIMENSIONS (UNIT: mm)
29.97±0.25
TOP VIEW
20.83±0.25
26.04±0.25
7
8
1
14
15.24
20.8
2.54
0.5
4– 2.67
φ
PD
L
+
–
R
LD
#8
#14
#7
#1
Optical Fiber (SMF)
Length: 1 000 MIN.
Cooler
Thermistor
PIN CONNECTIONS
Pin No.
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Function
Function
Thermistor
Thermistor
Bias
PD Anode
PD Cathode
Cooler Anode
Cooler Cathode
GND
GND
GND
GND, LD Anode
Signal Input
GND
GND
OPTICAL FIBER DIMENSIONS (UNIT: mm)
Parameter
Specification
Unit
Outer Diameter
0.9
±0.1
mm
Minimum Fiber Bending Radius
30
mm
Fiber Length
1 000 MIN.
mm
SC-UPC
Fiber Length: 1 000 mm MIN.
35±2 mm
SMF
SC-APC : Cut angle 8
°
Data Sheet PL10428EJ02V0DS
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com