Electronic Components Datasheet Search
  English  ▼

X  

C2M0080120D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # C2M0080120D
Description  SiC N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C2M0080120D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  C2M0080120D Datasheet HTML 1Page - Inchange Semiconductor Company Limited C2M0080120D Datasheet HTML 2Page - Inchange Semiconductor Company Limited C2M0080120D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCF8062
eq C2M0080120D
SiC N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= 0.1mA
1200
--
--
V
VGS(th)
Gate Threshold Voltage
VDS = 10V, ID = 5mA
2.0
--
4.0
V
RDS(ON)
Drain-Source On-stage Resistance
VGS= 20V, ID=20A
--
80
98
mΩ
IGSS
Gate Source Leakage Current
VGS= 20V, VDS= 0V
--
--
250
nA
IDSS
Zero Gate Voltage Drain Current
VDS = 1200V, VGS = 0V
--
1
100
μA
VSD
Diode Forward Voltage
ISD= 10A, VGS= -5V
--
4.3
--
V
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com