Electronic Components Datasheet Search
  English  ▼

X  

8129243 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8129243
Description  EtherCAT interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129243 Datasheet(HTML) 2 Page - Festo Corporation.

  8129243 Datasheet HTML 1Page - Festo Corporation. 8129243 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Inspection window material
PC
Material of screws
Steel, nickel-plated
Threaded sleeve material
High-alloy stainless steel
O-ring material
FPM
Diagnostics via LED
Diagnostics per module
EtherCAT RUN
Power supply for electronics/sensors
Load power supply
System diagnostics
Maintenance required
Diagnostics via bus
APDD invalid
Load switch-off
Communication error
Electronics/sensors overvoltage
Load overvoltage
Electronics/sensors undervoltage
Load undervoltage
Fieldbus interface, type
Ethernet
Fieldbus interface, protocol
EtherCAT
EtherCAT CoE
EtherCAT Distributed Clocks (DC)
EtherCAT EoE
EtherCAT FoE
EtherCAT Modular Device Profile (MDP)
Fieldbus interface, function
Bus connection, incoming/forwarding
Fieldbus interface, connection type
2x socket
Fieldbus interface, connection technology
M12x1, D-coded as per EN 61076-2-101
Fieldbus interface, connection pattern
00995716
Fieldbus interface, number of poles/wires
4
Fieldbus interface, galvanic isolation
yes
Fieldbus interface, transmission rate
100 Mbit/s
Fieldbus interface, note on transmission rate
100 Mbit, switched fast Ethernet
Max. address capacity inputs
1024 byte
Max. address capacity outputs
1024 byte
Module parameters
Configuration of voltage monitoring, load supply PL
Internal cycle time
< 1 ms
Configuration support
ESI file
Communication interface, function
System communication XF20 OUT
Communication interface, connection type
Socket
Communication interface, connection technology
M8x1, D-coded as per EN 61076-2-114
Communication interface, number of pins/wires
4
Communication interface, connection pattern
00995937
Communication interface, protocol
AP
Communication interface, shielding
yes
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Note on nominal operating voltage DC
Protected Extra-Low-Voltage as per IEC 60204-1
Nominal operating voltage DC load
24 V
Permissible voltage fluctuations load
± 25 %
Nominal operating voltage DC for electronics/sensors
24 V
Permissible voltage fluctuations for electronics/sensors
± 25 %
Intrinsic current consumption at nominal operating voltage for
electronics/sensors
Typically 95 mA
Intrinsic current consumption at nominal operating voltage load
Typically 3 mA
Power failure buffering
10 ms
Potential separation between the supply voltages electronics/sensor
technology and load/valves
yes
Reverse polarity protection
yes
6/11/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com