Electronic Components Datasheet Search
  English  ▼

X  

8129253 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8129253
Description  System supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129253 Datasheet(HTML) 1 Page - Festo Corporation.

  8129253 Datasheet HTML 1Page - Festo Corporation. 8129253 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
System supply
CPX-AP-A-S-1-PP-5P
Part number: 8129253
General operating condition
Data sheet
Feature
Value
Dimensions W x L x H
(installation dimensions)
50.1 mm x 153 mm x 45.6 mm
Width dimension
50.1 mm
Type of mounting
On H-rail with accessories
with through-hole for M5 screw with accessories
with through-hole for M6 screw with accessories
Product weight
182 g
Mounting position
Arbitrary, on H-rail: horizontal
Ambient temperature
-20 °C ... 50 °C
Note on ambient temperature
Observe ambient temperature derating according to IEC 61131-2:2017
Storage temperature
-20 °C ... 70 °C
Relative air humidity
5 - 95 %
Non-condensing
Nominal altitude of use above sea level
<= 2000 m ASL (> 79.5 kPa)
Max. installation height
3500 m
Information on max. installation height
> 2000 m ASL (< 79.5 kPa)
Observe ambient temperature derating according to IEC 61131-2:2017
Corrosion resistance class (CRC)
1 - Low corrosion stress
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Note on vibration resistance
SG1 on H-rail
SG2 on direct mounting
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Note on shock resistance
30 g/11 ms as per EN 60068-2-27
SG1 on H-rail
SG2 on direct mounting
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
Protection class
III
Overvoltage category
II
LABS (PWIS) conformity
VDMA24364-B2-L
Material fire test
UL94 V-0 (housing)
Note on materials
RoHS-compliant
Halogen-free
Free of phosphoric acid ester
Housing material
PA-reinforced
Material of flange
Die-cast zinc, nickel-plated
Material of screws
Steel, nickel-plated
Seals material
PU foam
6/11/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8129253

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8129250 FESTO-8129250 Datasheet
73Kb / 2P
End plate
8129251 FESTO-8129251 Datasheet
88Kb / 2P
Interlinking module
8129254 FESTO-8129254 Datasheet
91Kb / 2P
System supply
8129255 FESTO-8129255 Datasheet
91Kb / 2P
System supply
8129256 FESTO-8129256 Datasheet
89Kb / 2P
System supply
More results

Similar Description - 8129253

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
Microprocessor Power Supply System
logo
Sanyo Semicon Device
LA5632 SANYO-LA5632 Datasheet
43Kb / 6P
Multiple Power Supply System Regulator
logo
Rohm
BA4911-V4 ROHM-BA4911-V4 Datasheet
201Kb / 6P
Bipolar System Power Supply
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
System Power Supply with WDT
BA4911 ROHM-BA4911_1 Datasheet
205Kb / 6P
Biopolat System power Supply
logo
Texas Instruments
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
LM2984C Microprocessor Power Supply System
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
Multi-Power Supply System IC
July, 2013
logo
Panasonic Semiconductor
AN34043AA PANASONIC-AN34043AA Datasheet
3Mb / 17P
DTV System Power Supply
logo
WAGO Kontakttechnik Gmb...
750-613 WAGO-750-613 Datasheet
374Kb / 12P
System Power Supply; 24 VDC
logo
Keysight Technologies
6690A KEYSIGHT-6690A Datasheet
318Kb / 5P
System DC Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com