Electronic Components Datasheet Search
  English  ▼

X  

8129263 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8129263
Description  Additional supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129263 Datasheet(HTML) 2 Page - Festo Corporation.

  8129263 Datasheet HTML 1Page - Festo Corporation. 8129263 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Power supply, function
Incoming electronics/sensors and load and functional earth
Power supply, type of connection
Plug
Power supply, connection technology
M12x1, L-coded as per EN 61076-2-111
Power supply, connection pattern
00995940
Power supply, number of pins/wires
5
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Note on nominal operating voltage DC
24 V [XD-AL,PL]
Protected Extra-Low-Voltage as per IEC 60204-1
Nominal operating voltage DC load
24 V
Nominal operating voltage DC for electronics/sensors
24 V
Power supply, conductor diameter
2.5 mm²
Nominal current
10 A
Max. power supply
2 x 10 A (external fuse required)
Potential separation between the supply voltages electronics/sensor
technology and load/valves
yes
6/11/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com