Electronic Components Datasheet Search
  English  ▼

X  

FDN361BN Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN361BN
Description  MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN361BN Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN361BN Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361BN Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361BN Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361BN Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN361BN Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Typical Characteristics
0
2
4
6
8
10
00.5
1
1.522.5
3
Qg, GATE CHARGE (nC)
ID =1.4A
VDS = 10V
15V
20V
0
20
40
60
80
100
120
140
160
180
200
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
Ps
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RTJA = 270
oC/W
TA = 25
oC
10ms
1ms
0
1
2
3
4
5
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RTJA = 270°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RTJA(t) = r(t) * RTJA
RTJA = 270
oC/W
TJ - TA = P * RTJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.
FDN361
Rev:2023A2
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com