Electronic Components Datasheet Search
  English  ▼

X  

IRLML2402 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLML2402
Description  N−Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLML2402 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLML2402 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2402 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2402 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2402 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2402 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2402 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLML2402 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D
S
G
3
1
2
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
230
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
1.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
0.95
A
IDM
Pulsed Drain Current 
7.4
PD @TA = 25°C
Power Dissipation
540
mW
Linear Derating Factor
4.3
mW/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt ‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
Features
Industry-standard pinout SOT-23 Package
Compatible with Existing Surface Mount Techniques
RoHS Compliant, Halogen-Free
MSL1, Industrial qualification
VDS
20
V
RDS(on) max
(@VGS = 4.5V)
250
Qg (typical)
2.6
nC
ID
(@TA = 25°C)
1.2
A
Ω
m
IRLML2402
Rev:2023A2
1
•
•
•
•
Product summary
SOT-23
1. GATE
2. SOURCE
3. DRAIN
N−Channel MOSFET


Similar Part No. - IRLML2402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2402 IRF-IRLML2402 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
202Kb / 8P
HEXFET POWER MOSFET
IRLML2402 IRF-IRLML2402 Datasheet
210Kb / 8P
HEXFET POWER MOSFET
logo
Guangdong Kexin Industr...
IRLML2402 KEXIN-IRLML2402 Datasheet
2Mb / 5P
N-Channel MOSFET
IRLML2402-3 KEXIN-IRLML2402-3 Datasheet
2Mb / 5P
N-Channel MOSFET
More results

Similar Description - IRLML2402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com