Electronic Components Datasheet Search
  English  ▼

X  

KPEG167 Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KPEG167
Description  Piezo Audio Transducer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KPEG167 Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KPEG167 Datasheet HTML 1Page - Kingstate Electronics Corp. KPEG167 Datasheet HTML 2Page - Kingstate Electronics Corp. KPEG167 Datasheet HTML 3Page - Kingstate Electronics Corp. KPEG167 Datasheet HTML 4Page - Kingstate Electronics Corp. KPEG167 Datasheet HTML 5Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 2/5
KPEG167
A. SCOPE 範疇
This specification applies piezo audio indicator, KPEG167
此規格書適用於壓電式蜂鳴器, KPEG167
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Operating Volt.
操作電壓
Vp-p
MAX 30
2
Current consumption
消耗電流
mA
MAX 9
at 10Vp-p,square wave,4.0KHz.
3
Sound pressure level
輸出音壓
dB
MIN 80
at 10cm/10Vp-p,square wave,4.0KHz.
4
Electrostatic capacity
靜電容量
pF
15,000 ± 30%
at 120Hz/1V
5
Operating temp.
操作溫度
℃
-30 ~ +85
6
Storage temp.
儲存溫度
℃
-40 ~ +95
7
Dimension
尺寸
mm
φ13.5 x H 6.2
See appearance drawing
請參照外觀尺寸圖
8
Weight (MAX)
重量
gram
0.9
9
Material
材質
ABS UL-94 1/16” HB HIGH HEAT
(BLACK)
10
Terminal
端子
Pin type
(鍍化金/Plating Au)
See appearance drawing
請參照外觀尺寸圖
11
Environmental
Protection Regulation
環保法規
ROHS
C. APPEARANCE DRAWING
外觀尺寸圖
Tol : ± 0.5
Unit : mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com