Electronic Components Datasheet Search
  English  ▼

X  

KPEG232 Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KPEG232
Description  Piezo Audio Indicator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KPEG232 Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KPEG232 Datasheet HTML 1Page - Kingstate Electronics Corp. KPEG232 Datasheet HTML 2Page - Kingstate Electronics Corp. KPEG232 Datasheet HTML 3Page - Kingstate Electronics Corp. KPEG232 Datasheet HTML 4Page - Kingstate Electronics Corp. KPEG232 Datasheet HTML 5Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 2/5 KPEG232
A.SCOPE 範疇
This specification applies piezo audio indicator, KPEG232
此規格書適用於壓電式蜂鳴器, KPEG232
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Resonant frequency
共振頻率
KHz
3.2 ± 0.5
2
Operating` Volt. range
操作電壓範圍
VDC
3 ~ 20
3
Current consumption
消耗電流
mA
MAX 13
at 12VDC
4
Sound pressure level
輸出音壓
dB
MIN 75
at 30cm/12VDC
5
Rated Voltage
額定電壓
VDC
12
6
Tone
聲音
Continuous
直音
at 12VDC
7
Operating temp.
操作溫度
ºC
-30 ~ +85
8
Storage temp.
儲存溫度
ºC
-40 ~ +95
9
Dimension
尺寸
mm
ψ23.3 x H10.2
See appearance drawing
請參照外觀尺寸圖
10
Weight (MAX)
重量
gram
5.0
11
Material
材質
ABS UL-94 1/16” HB HIGH HEAT
(BLACK)
12
Terminal
端子
Pin type
See appearance drawing
請參照外觀尺寸圖
13
Environmental
Protection Regulation
環保法規
ROHS
C. APPEARANCE DRAWING
外觀尺寸圖
Unit : mm
Tol : ±0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com