Electronic Components Datasheet Search
  English  ▼

X  

56F8347 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 56F8347
Description  16-bit Digital Signal Controllers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8347 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F8347 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8347 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 172 page
background image
Signal Pins
56F8347 Technical Data, Rev.11
Freescale Semiconductor
19
Preliminary
VSS
27
J4
Supply
VSS — These pins provide ground for chip logic and I/O
drivers.
VSS
41
K11
VSS
74
G11
VSS
80
E7
VSS
125
J11
VSS
160
E6
VSSA_ADC
115
D12
Supply
ADC Analog Ground — This pin supplies an analog ground
to the ADC modules.
OCR_DIS
91
K14
Input
Input
On-Chip Regulator Disable —
Tie this pin to VSS to enable the on-chip regulator.
Tie this pin to VDD to disable the on-chip regulator.
This pin is intended to be a static DC signal from
power-up to shut down. Do no try to toggle this pin for
power savings during operation.
VCAP1*
62
K8
Supply
Supply
VCAP1 - 4 — When OCR_DIS is tied to VSS (regulator
enabled), connect each pin to a 2.2
μF or greater bypass
capacitor in order to bypass the core logic voltage regulator,
required for proper chip operation. When OCR_DIS is tied to
VDD (regulator disabled), these pins become VDD_CORE and
should be connected to a regulated 2.5V power supply.
Note: This bypass is required even if the chip is powered
with an external supply.
VCAP2*
144
E8
VCAP3*
95
H11
VCAP4*
15
G4
* When the on-chip regulator is disabled, these four pins become 2.5V VDD_CORE.
VPP1
141
A7
Input
Input
VPP1 - 2 — These pins should be left unconnected as an
open circuit for normal functionality.
VPP2
2C2
CLKMODE
99
H12
Input
Input
Clock Input Mode Selection — This input determines the
function of the XTAL and EXTAL pins.
1 = External clock input on XTAL is used to directly drive the
input clock of the chip. The EXTAL pin should be grounded.
0 = A crystal or ceramic resonator should be connected
between XTAL and EXTAL.
EXTAL
94
J12
Input
Input
External Crystal Oscillator Input — This input can be
connected to an 8MHz external crystal. Tie this pin low if
XTAL is driven by an external clock source.
Table 2-2 Signal and Package Information for the 160-Pin LQFP and MBGA (Continued)
Signal Name
Pin
No.
Ball
No.
Type
State
During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com