Electronic Components Datasheet Search
  English  ▼

X  

56F8355 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 56F8355
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8355 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 56F8355 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F8355 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
Device Description
56F8355 Technical Data, Rev. 12
Freescale Semiconductor
7
Preliminary
•
49 General Purpose I/O (GPIO) pins; 28 pins dedicated to GPIO
•
External reset input pin for hardware reset
•
External reset output pin for system reset
•
Integrated low-voltage interrupt module
•
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent, real-time
debugging
•
Software-programmable, Phase Lock Loop-based frequency synthesizer for the core clock
1.1.5
Energy Information
•
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•
On-board 3.3V down to 2.6V voltage regulator for powering internal logic and memories; can be disabled
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
•
ADC smart power management
•
Each peripheral can be individually disabled to save power
1.2 Device Description
The 56F8355 and 56F8155 are members of the 56800E core-based family of controllers. It combines, on
a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality of a
microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because
of its low cost, configuration flexibility, and compact program code, the 56F8355 and 56F8155 are
well-suited for many applications. The devices include many peripherals that are especially useful for
motion control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and
control, automotive control (56F8355 only), engine management, noise suppression, remote utility
metering, industrial control for power, lighting, and automation applications.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact DSP and control code.
The instruction set is also highly efficient for C/C++ Compilers to enable rapid development of optimized
control applications.
The 56F8355 and 56F8155 support program execution from internal memories. Two data operands can be
accessed from the on-chip data RAM per instruction cycle. These devices also provide two external
dedicated interrupt lines and up to 49 General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
1.2.1
56F8355 Features
The 56F8355 controller includes 256KB of Program Flash and 8KB of Data Flash (each programmable
through the JTAG port) with 4KB of Program RAM and 16KB of Data RAM. A total of 16KB of Boot
Flash is incorporated for easy customer inclusion of field-programmable software routines that can be used
to program the main Program and Data Flash memory areas. Both Program and Data Flash memories can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com