Electronic Components Datasheet Search
  English  ▼

X  

56F8155 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 56F8155
Description  16-bit Digital Signal Controllers
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8155 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  56F8155 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8155 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
56F8355 Technical Data, Rev. 12
2
Freescale Semiconductor
Preliminary
Document Revision History
Version History
Description of Change
Rev 0.0
Initial release
Rev 1.0
Fixed typos in Section 1.1.3; Replace any reference to Flash Interface Unit with Flash
Memory Module; added note to Vcap pin in Table 2-2; corrected Table 4-4, removed
unneccessary notes in Table 10-12; corrected temperature range in Table 10-14; added
ADC calibration information to Table 10-23 and new graphs in Figure 10-21
Rev 2.0
Corrected 2.2
μF to 0.1 μF low ESR capacitor in Table 2-2. Replaced Table 10-16 with
correct parameters for the 128 package pinout. Corrected (fout/2) with (fout) in Table 10-14.
Corrected pinout labels in Figure 11-1.
Rev 3.0
Adding/clarifing notes to Table 4-4 to help clarify independent program flash blocks and
other Program Flash modes, clarification to Table 10-22, corrected Digital Input Current Low
(pull-up enabled) numbers in Table 10-5. Removed text and Table 10-2; replaced with note
to Table 10-1.
Rev 4.0
Correcting Table 4-6 Address locations.
Rev 5.0
Added 56F8155 information; edited to indicate differences in 56F8355 and 56F8155. Refor-
matted for Freescale look and feel. Updated Temperature Sensor and ADC tables, then
updated balance of electrical tables for consistency throughout the family. Clarified I/O power
description in Table 2-2, added note to Table 10-7 and clarified Section 12.3.
Rev 6.0
Added output voltage maximum value and note to clarify in Table 10-1; also removed overall
life expectancy note, since life expectancy is dependent on customer usage and must be
determined by reliability engineering. Clarified value and unit measure for Maximum allowed
PD in Table 10-3. Corrected note about average value for Flash Data Retention in
Table 10-4. Added new RoHS-compliant orderable part numbers in Table 13-1.
Rev 7.0
Updated Table 10-23 to reflect new value for maximum Uncalibrated Gain Error
Rev 8.0
Deleted RSTO from Pin Group 2 (listed after Table 10-1). Deleted formula for Max Ambient
Operating Temperature (Automotive) and Max Ambient Operating Temperature (Industrial)
in Table 10-4. Added RoHS-compliance and “pb-free” language to back cover.
Rev 9.0
Added information/corrected state during reset in Table 2-2. Clarified external reference
crystal frequency for PLL in Table 10-14 by increasing maximum value to 8.4MHz.
Rev 10.0
Replaced “Tri-stated” with an explanation in State During Reset column in Table 2-2.
Rev 11.0
Corrected bootflash memory map layout in Table 4-4 to 16KB.
Rev. 12
• Added the following note to the description of the TMS signal in Table 2-2:
Note:
Always tie the TMS pin to VDD through a 2.2K resistor.
• Added the following note to the description of the TRST signal in Table 2-2:
Note:
For normal operation, connect TRST directly to VSS. If the design is to be used in a
debugging environment, TRST may be tied to VSS through a 1K resistor.
Please see http://www.freescale.com for the most current data sheet revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com