Electronic Components Datasheet Search
  English  ▼

X  

1410133 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1410133
Description  PROT-MINFS-PA VPE100 - Sealing cap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1410133 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1410133 Datasheet HTML 1Page - PHOENIX CONTACT 1410133 Datasheet HTML 2Page - PHOENIX CONTACT 1410133 Datasheet HTML 3Page - PHOENIX CONTACT 1410133 Datasheet HTML 4Page - PHOENIX CONTACT 1410133 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sealing cap, 7/8", plastic, for sensor cables, for 7/8" plugs
Commercial data
Item number
1410133
Packing unit
100 pc
Minimum order quantity
500 pc
Note
Made to order (non-returnable)
Product key
BF1ZAX
GTIN
4046356893497
Weight per piece (including packing)
7.737 g
Weight per piece (excluding packing)
7.737 g
Country of origin
DE
PROT-MINFS-PA VPE100 - Sealing cap
1410133
https://www.phoenixcontact.com/us/products/1410133
May 28, 2024, 12:40 AM
Page 1 (5)


Similar Part No. - 1410133

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1410133-1 MACOM-1410133-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
logo
List of Unclassifed Man...
1410133-1 ETC2-1410133-1 Datasheet
1Mb / 26P
High Speed Backplane Connectors
More results

Similar Description - 1410133

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1430912 PHOENIX-1430912 Datasheet
145Kb / 3P
Sealing cap - PROT-MINFS-PA-CHAIN
1430857 PHOENIX-1430857 Datasheet
127Kb / 3P
Sealing cap - PROT-M 8 FS-PA-CHAIN
1439751 PHOENIX-1439751 Datasheet
342Kb / 3P
Sealing cap - PROT-M12 FS VPE100
1410605 PHOENIX-1410605 Datasheet
270Kb / 2P
Sealing cap - PROT-MINFS-PA
1456187 PHOENIX-1456187 Datasheet
195Kb / 3P
Sealing cap - PROT-M12 FS-PA-CHAIN-EYE-DM12
1456190 PHOENIX-1456190 Datasheet
49Kb / 2P
Sealing cap - PROT-M12 FS-PA-CHAIN-EYE-DM14
1456200 PHOENIX-1456200 Datasheet
50Kb / 2P
Sealing cap - PROT-M12 MS-PA-CHAIN-EYE-DM14
1441105 PHOENIX-1441105 Datasheet
48Kb / 2P
Sealing cap - PROT-M 8 MS-PA-CHAIN-EYE-DM3
1441082 PHOENIX-1441082 Datasheet
155Kb / 2P
Sealing cap - PROT-M 8 FS-PA-CHAIN-EYE
1441095 PHOENIX-1441095 Datasheet
167Kb / 3P
Sealing cap - PROT-M 8 MS-PA-CHAIN-EYE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com