Electronic Components Datasheet Search
  English  ▼

X  

IRLR8726 Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR8726
Description  N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

IRLR8726 Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  IRLR8726 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8726 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8726 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8726 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8726 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8726 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED IRLR8726 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
VDS
100
, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
GS = 0V,
f = 1 MHZ
iss = C
, C
V
C
C
ds SHORTED
C
+ C
gs
gd
= C
rss
oss = Cds + C
gd
gd
0
4
8
12 1620 242832 3640
QG Total Gate Charge (nC)
12
10
8
6
4
2
0
VDS= 24V
VDS= 15V
ID= 20A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VGS = 0V
0.1
1
10
100
VDS, Drain-toSource Voltage (V)
Fig 8. Maximum Safe Operating Area
0.1
1
10
100
1000
10000
TC= 25°C
TJ= 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
Rev:2023A2
4
IRLR8726
N-Channel MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com