Electronic Components Datasheet Search
  English  ▼

X  

PRF947 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PRF947
Description  UHF wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PRF947 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PRF947 Datasheet HTML 2Page - NXP Semiconductors PRF947 Datasheet HTML 3Page - NXP Semiconductors PRF947 Datasheet HTML 4Page - NXP Semiconductors PRF947 Datasheet HTML 5Page - NXP Semiconductors PRF947 Datasheet HTML 6Page - NXP Semiconductors PRF947 Datasheet HTML 7Page - NXP Semiconductors PRF947 Datasheet HTML 8Page - NXP Semiconductors PRF947 Datasheet HTML 9Page - NXP Semiconductors PRF947 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Jul 23
6
Philips Semiconductors
Product specification
UHF wideband transistor
PRF947
Fig.6
Gain as a function of collector current;
typical values.
f = 1 GHz; VCE =6V.
handbook, halfpage
010
20
40
gain
(dB)
GUM
MSG
20
0
16
MGS500
30
12
8
4
IC (mA)
Gmax
Fig.7
Gain as a function of frequency; typical
values.
IC = 5 mA; VCE =6V.
handbook, halfpage
50
0
MGS501
102
103
104
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG
Gmax
Fig.8
Gain as a function of frequency; typical
values.
IC = 15 mA; VCE =6V.
handbook, halfpage
50
0
MGR502
102
103
104
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG
Gmax
Fig.9
Gain as a function of frequency; typical
values.
IC = 30 mA; VCE =6V.
handbook, halfpage
50
0
MGS503
102
103
104
10
20
30
40
gain
(dB)
f (MHz)
GUM
MSG
Gmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com