Electronic Components Datasheet Search
  English  ▼

X  

UPB1009K Datasheet(PDF) 13 Page - California Eastern Labs

Part # UPB1009K
Description  LOW POWER GPS RF RECEIVER BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPB1009K Datasheet(HTML) 13 Page - California Eastern Labs

Back Button UPB1009K Datasheet HTML 9Page - California Eastern Labs UPB1009K Datasheet HTML 10Page - California Eastern Labs UPB1009K Datasheet HTML 11Page - California Eastern Labs UPB1009K Datasheet HTML 12Page - California Eastern Labs UPB1009K Datasheet HTML 13Page - California Eastern Labs UPB1009K Datasheet HTML 14Page - California Eastern Labs UPB1009K Datasheet HTML 15Page - California Eastern Labs UPB1009K Datasheet HTML 16Page - California Eastern Labs UPB1009K Datasheet HTML 17Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ELECTRICAL
CHARACTERISTICS (TA = +25°C, VCC = 3.0 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
<RF mixer>
fRF = 1 575.42 MHz, f1stLOin = 1 636.80 MHz, f1stIF = 61.38 MHz
Circuit Current 2
ICC2
No Signals, 40 pin current
2.0
2.5
3.0
mA
RF Conversion Gain
CGRF
PRFMIXin = −40 dBm
14.0
16.1
19.0
dB
Noise Figure
SSBNF = 10*log (2*DSBNF (Linear value)
−1) MHz
−
12.8
16.0
dB
Maximum IF Output
PRFMIXin = −10 dBm
−4.0
−0.8
−
dBm
Input 1dB Compression Level
PRFMIX-1
fRFMIXin = 1 575.42 MHz
−29.0
−25.5
−
dBm
Input 3rd Order Intercept Point
IIP3RFMIX
fRFMIXin = 1 575.42 MHz, 1 576.42 MHz
f1stLO = 1 636.8 MHz
−19.0
−17.2
−
dBm
LO Leakage to IF Pin
LOIF
−
−34.5
−30
dBm
LO Leakage to RF Pin
LORF
Leakage of 1 636.8 MHz frequency when
VCO oscillates correctly.
−
−54.7
−30
dBm
Input Inpedance
ZinMIX
−
50.1 −
j22.3
−
Ω
Output Inpedance
ZoutMIX
Calculated from S-parameter where input
DC cut capacitance = 1 nF and output DC
cut capacitance = 1 nF
−
57.3 +
j2.6
−
Ω
<IF mixer, LPF, IFamp>
f1stFin = 61.38 MHz, f2ndLOin = 65.472 MHz, ZL = 2 kΩ
Circuit Current 3
ICC3
No Signals, 39 pin current
6.3
7.3
8.5
mA
VAGC = 0.5 V
66.0
70.3
75.0
dB
VAGC = 1.5 V
45.0
51.2
58.0
dB
IF Conversion Gain
CG (GV) IF
VAGC = 2.5 V
19.5
26.4
33.5
dB
In Band Gain Fluctuation
ΔCG1
3.092 to 5.092 MHz
−
0.7
1.0
dB
Out Of Band Attenuation
ΔCG2
Gain difference at 4.092 MHz and 9.092
MHz, VAGC = 0.5 V
20.0
25.0
−
dB
Conversion Gain Range
CGRange
VAGC = 0 to 2.5 V
32.5
43.9
−
dB
IF ⋅ SSB Noise Figure
NFIF
VAGC = 0.5 V (at maximum gain)
−
13.7
17.5
dB
Maximum 2ndIF Output
V
Pin = −50 dBm, VAGC = 0.5 V
1.0
1.3
−
VPP
VAGC = 0.5 V
−70.5
−64.4
−
dBm
VAGC = 1.5 V
−53.5
−44.9
−
dBm
Input 1dB Compression Level
PIF-1
f1stIFin = 61.38 MHz
VAGC = 2.5 V
−37.0
−30.6
−
dBm
VAGC = 0.5 V
−56.0
−51.3
−
dBm
VAGC = 1.5 V
−38.0
−30.7
−
dBm
Input 3rd Order Intercept Point
IIP3IF
f1stIFin1 = 61.28 MHz
f1stIFin2 = 61.38 MHz
f2ndLO = 65.472 MHz VAGC = 2.5 V
−27.0
−21.4
−
dBm
Input Inpedance
ZinIF
−
69.3 −
j4.8
−
Ω
Output Inpedance
ZoutIF
Calculated from S-parameter where input
DC cut capacitance = 1 nF and output DC
cut capacitance = 100 nF
−
163 +
j3.8
−
Ω
13
UPB1009K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com