Electronic Components Datasheet Search
  English  ▼

X  

KXG1212 Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KXG1212
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KXG1212 Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KXG1212 Datasheet HTML 1Page - Kingstate Electronics Corp. KXG1212 Datasheet HTML 2Page - Kingstate Electronics Corp. KXG1212 Datasheet HTML 3Page - Kingstate Electronics Corp. KXG1212 Datasheet HTML 4Page - Kingstate Electronics Corp. KXG1212 Datasheet HTML 5Page - Kingstate Electronics Corp. KXG1212 Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 2/6
KXG1212
A. SCOPE 範疇
This specification applies magnetic buzzer, KXG1212
此規格書適用於電磁式蜂鳴器, KXG1212
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
Vo-p
12.0
2
Operating Volt.
操作電壓
Vo-p
6.0~16.0
Vo-p
0V
3
Mean Current
平均耗電流
mA
Max. 40
Applying rated voltage,2400Hz square wave,
1/2duty
施以額定電壓,2400Hz,方波,50%負載
4
Coil Resistance
直流阻抗
Ω
140 ± 21
5
Sound Output
輸出音壓
dBA
Min.85
(Typical 92)
Distance at 10cm(A-weight free air). Applying
rated voltage 2400Hz,square wave, 1/2duty
在自由音場 10 公分處,施以額定電壓,2400Hz,方
波,50%負載
6
Rated Frequency
額定頻率
Hz
2400
7
Operating Temp.
操作溫度
℃
-30 ~ +70
8
Storage Temp.
儲存溫度
℃
-40 ~ +85
9
Dimension
尺寸
mm
φ12.0 × H9.5
See attached drawing.
請參照外觀尺寸圖
10
Weight
重量
gram
2.0
11
Material
材質
PBT
13
Terminal
端子
Pin type (Plating Au)
鍍化金
See attached drawing.
請參照外觀尺寸圖
14
Environmental
Protection
Regulation
環保法規
RoHS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com