Electronic Components Datasheet Search
  English  ▼

X  

KXG1606 Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KXG1606
Description  Magnetic Buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KXG1606 Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KXG1606 Datasheet HTML 1Page - Kingstate Electronics Corp. KXG1606 Datasheet HTML 2Page - Kingstate Electronics Corp. KXG1606 Datasheet HTML 3Page - Kingstate Electronics Corp. KXG1606 Datasheet HTML 4Page - Kingstate Electronics Corp. KXG1606 Datasheet HTML 5Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP 2/5 KXG1606
A. SCOPE 範疇
This specification applies magnetic buzzer, KXG1606
此規格書適用於電磁式蜂鳴器, KXG1606
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
Vo-p
6.0
2
Operating Volt.
操作電壓
Vo-p
3.0~12.0
Vo-p
0V
3
Mean Current
平均耗電流
mA
Max. 50
Applying rated voltage,2048Hz square wave,
1/2duty
施以額定電壓,2048Hz,方波, 50%負載
4
Coil Resistance
直流阻抗
Ω
50.0 ± 7.5
5
Sound Output
輸出音壓
dBA
Min. 85
(Typical 92)
Distance at 10cm(A-weight free air). Applying
rated voltage 2048Hz,square wave, 1/2duty
在自由音場 10 公分處,施以額定電壓,2048Hz,方
波,50%負載
6
Rated Frequency
額定頻率
Hz
2048
7
Operating Temp.
操作溫度
℃
-20 ~+60
8
Storage Temp.
儲存溫度
℃
-30 ~+70
9
Dimension
尺寸
mm
φ16.0 × H14.0
See attached drawing.
請參照外觀尺寸圖
10
Weight
重量
gram
4.60
11
Material
材質
PPO (Black)
12
Terminal
端子
Pin type
(鍍化金/Plating Au)
See attached drawing.
請參照外觀尺寸圖
13
Environmental
Protection Regulation
環保法規
RoHS
C. TYPICAL FREQUENCY RESPONSE CURVE
頻率響應曲線



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com