Electronic Components Datasheet Search
  English  ▼

X  

PSMN030-150P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN030-150P
Description  N-channel TrenchMOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN030-150P Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN030-150P Datasheet HTML 1Page - NXP Semiconductors PSMN030-150P Datasheet HTML 2Page - NXP Semiconductors PSMN030-150P Datasheet HTML 3Page - NXP Semiconductors PSMN030-150P Datasheet HTML 4Page - NXP Semiconductors PSMN030-150P Datasheet HTML 5Page - NXP Semiconductors PSMN030-150P Datasheet HTML 6Page - NXP Semiconductors PSMN030-150P Datasheet HTML 7Page - NXP Semiconductors PSMN030-150P Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
 transistor
PSMN030-150P
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 35 A;
-
300
mJ
energy
t
p = 100 µs; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 10 V;
I
AS
Non-repetitive avalanche
-
35
A
current
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction
-
0.6
K/W
to mounting base
R
th j-a
Thermal resistance junction
SOT78 package, in free air
60
-
K/W
to ambient
ELECTRICAL CHARACTERISTICS
T
j= 25˚C
unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA;
150
-
-
V
voltage
T
j = -55˚C
133
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2.0
3.0
4.0
V
T
j = 175˚C
1.0
-
-
V
T
j = -55˚C
-
-
6
V
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 25 A
-
24
30
m
Ω
resistance
T
j = 175˚C
-
-
81
m
Ω
I
GSS
Gate source leakage current V
GS = ±10 V; VDS = 0 V
-
2
100
nA
I
DSS
Zero gate voltage drain
V
DS = 150 V; VGS = 0 V;
-
0.05
10
µA
current
T
j = 175˚C
-
-
500
µA
Q
g(tot)
Total gate charge
I
D = 55.5 A; VDD = 120 V; VGS = 10 V
-
98
-
nC
Q
gs
Gate-source charge
-
16
-
nC
Q
gd
Gate-drain (Miller) charge
-
38
50
nC
t
d on
Turn-on delay time
V
DD = 75 V; RD = 1.5 Ω;
-
18
-
ns
t
r
Turn-on rise time
V
GS = 10 V; RG = 5.6 Ω
-71
-
ns
t
d off
Turn-off delay time
Resistive load
-
97
-
ns
t
f
Turn-off fall time
-
76
-
ns
L
d
Internal drain inductance
Measured from tab to centre of die
-
3.5
-
nH
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
(SOT78 package only)
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
3680
-
pF
C
oss
Output capacitance
-
470
-
pF
C
rss
Feedback capacitance
-
220
-
pF
June 2000
2
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com