Electronic Components Datasheet Search
  English  ▼

X  

STD30NF06 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # STD30NF06
Description  60V N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

STD30NF06 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  STD30NF06 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED STD30NF06 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED STD30NF06 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED STD30NF06 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED STD30NF06 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED STD30NF06 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The STD30NF06 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge.
It can be used in a wide variety of applications.
Features
VDS = 60V,ID =30A
RDS(ON),23mΩ(Typ) @ VGS =10V
RDS(ON),29mΩ(Typ) @ VGS =4.5V
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired
Application
Load Switch
PWM Application
Power management
Absolute Maximum Ratings(TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
Drain Current-ContinuousNote3
TC=25℃
ID
30
A
TC=100℃
20
A
Drain Current-PulsedNote1
IDM
120
A
Avalanche EnergyNote4
EAS
72
mJ
Maximum Power Dissipation
TC=25℃
PD
55
W
Storage Temperature Range
TSTG
-55 to +150
℃
Operating Junction Temperature Range
TJ
-55 to +150
℃
Thermal Resistance
Parameter
Symbol
Min.
Typ.
Max
Unit
Thermal Resistance,Junction-to-Case
RθJC
-
-
2.7
℃
/W
1
Rev:2023A2
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06


Similar Part No. - STD30NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
logo
Guangdong Youtai Semico...
STD30NF06 UMW-STD30NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
STD30NF06-1 VBSEMI-STD30NF06-1 Datasheet
963Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
logo
Guangdong Youtai Semico...
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - STD30NF06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com