Electronic Components Datasheet Search
  English  ▼

X  

TPC8107 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # TPC8107
Description  P-Channel 30 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

TPC8107 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  TPC8107 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED TPC8107 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED TPC8107 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED TPC8107 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED TPC8107 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED TPC8107 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED TPC8107 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED TPC8107 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
APPLICATIONS
•
Load Switch
•
Notebook Adaptor Switch
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under Steady State conditions is 85 °C/W.
d. Based on TC = 25 °C.
PRODUCT SUMMARY
VDS (V)
RDS(on) (mΩ)
ID (A)
d
Qg (Typ.)
- 30
11 at VGS = - 10 V
- 13.5
29.5 nC
15 at VGS = - 4.5 V
- 11.6
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 13.5
A
TC = 70 °C
- 11.9
TA = 25 °C
- 10.9a, b
TA = 70 °C
- 8.6a, b
Pulsed Drain Current
IDM
- 50
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 4.1
TA = 25 °C
- 2.2a, b
Avalanche Current
L = 0.1 mH
IAS
- 20
Single-Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5.0
W
TC = 70 °C
3.2
TA = 25 °C
2.7a, b
TA = 70 °C
1.7a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
≤ 10 s
RthJA
38
46
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
20
25
S
G
D
P-Channel MOSFET
S
S
D
D
D
S
G
D
SOP-8
5
6
7
8
Top View
2
3
4
1
P-Channel 30 V (D-S) MOSFET
TPC8107
Rev:2023A2
1


Similar Part No. - TPC8107

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8107 TOSHIBA-TPC8107 Datasheet
247Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
logo
VBsemi Electronics Co.,...
TPC8107 VBSEMI-TPC8107 Datasheet
991Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
TPC8107 TECHPUBLIC-TPC8107 Datasheet
4Mb / 5P
P-Channel Enhancement Mode Power MOSFET
logo
Toshiba Semiconductor
TPC8107 TOSHIBA-TPC8107_06 Datasheet
247Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPC8107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com