Electronic Components Datasheet Search
  English  ▼

X  

MCL908QT2 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MCL908QT2
Description  M68HC08 Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCL908QT2 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MCL908QT2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MCL908QT2 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
MC68HLC908QY/QT Family Data Sheet, Rev. 3
Freescale Semiconductor
39
Chapter 3
Analog-to-Digital Converter (ADC)
3.1 Introduction
This section describes the analog-to-digital converter (ADC). The ADC is an 8-bit, 4-channel analog-to-
digital converter. The ADC module is only available on the MC68HLC908QY2, MC68HLC908QT2,
MC68HLC908QY4, and MC68HLC908QT4.
3.2 Features
Features of the ADC module include:
•
4 channels with multiplexed input
•
Linear successive approximation with monotonicity
•
8-bit resolution
•
Single or continuous conversion
•
Conversion complete flag or conversion complete interrupt
•
Selectable ADC clock frequency
3.3 Functional Description
Four ADC channels are available for sampling external sources at pins PTA0, PTA1, PTA4, and PTA5.
An analog multiplexer allows the single ADC converter to select one of the four ADC channels as an ADC
voltage input (ADCVIN). ADCVIN is converted by the successive approximation register-based counters.
The ADC resolution is eight bits. When the conversion is completed, ADC puts the result in the ADC data
register and sets a flag or generates an interrupt.
Figure 3-2 shows a block diagram of the ADC.
3.3.1 ADC Port I/O Pins
PTA0, PTA1, PTA4, and PTA5 are general-purpose I/O pins that are shared with the ADC channels. The
channel select bits (ADC status and control register (ADSCR), $003C), define which ADC channel/port
pin will be used as the input signal. The ADC overrides the port I/O logic by forcing that pin as input to the
ADC. The remaining ADC channels/port pins are controlled by the port I/O logic and can be used as
general-purpose I/O. Writes to the port register or data direction register (DDR) will not have any affect
on the port pin that is selected by the ADC. Read of a port pin which is in use by the ADC will return a 0
if the corresponding DDR bit is at 0. If the DDR bit is 1, the value in the port data latch is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com