Electronic Components Datasheet Search
  English  ▼

X  

33291L Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33291L
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291L Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33291L Datasheet HTML 1Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33291L
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Peak Package Reflow Temperature During Reflow (10), (11)
TPPRT
Note 11.
°C
Thermal Resistance
All Outputs ON(12)
Single Output ON(13)
RθJA
60
45
°C/W
Notes
10.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
11.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.
12.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
13.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com