Electronic Components Datasheet Search
  English  ▼

X  

IRK236 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # IRK236
Description  Power Module 230 Amp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

IRK236 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  IRK236 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IRK.. 236 Series
Power Module
230 Amp
ELECTRICAL CHARACTERISICS at 25 OC Maximum Unless Stated Otherwise
Parameter
Unit
Symbol
Value
Typ
Min
Max
Maximum Forward Voltage
Volt
VFM
Repetitive Peak Off- State Current at TC=150OC
mA
20.0
IRRM
Condition
1.46
Thermal Resistance (Junction to Case)
0.20
NM
Mounting Torque
Weight
MT
6.0
grms
Wt
R
TH (J-c)
O
C/W
200
V
R = VRRM ,
2
3
1
Case Style :
Triple Flatop
IRK (*)
236-04
MAXIMUM RATINGS
Parameter
(Tj = 25 OC unless stated otherwise)
Repetitive Peak Reverse Voltage
400
800
1200
1400
1600
Symbol
VRRM
Volt
Unit
Maximum Storage Temperature Range
Maximum Average On-State Current
Peak Forward Surge Current 8.3 mS
Maximum Junction Temperature Range
230 at TC=100OC
5765
Maximum I 2T for Fusing
IF(AV)
IFSM
Tj
T
(STG)
I 2 T
Amp
Amp
O
C
O
C
A2/S
-40 to +150
138
* Insert "D" "C" "J" or "E" for circuit configuration
IRK (*)
236-08
IRK (*)
236-12
IRK (*)
236-14
IRK (*)
236-16
Maximum RMS On-State Current
IF(RMS)
Amp
360
-40 to +150
Third Angle Projection
9.0
(0.33)
28.0
(1.10)
30.0
(1.18)
37.0
(1.44)
12
3
94
(3.70)
66
(2.60)
6.5
(0.25)
Dia
35
(1.38)
14.5
(0.57)
17
(0.67)
23
(0.91)
23
(0.91)
Mechanical Dimensions
IRKD
3
1
2
IRKC
IRKJ
IRKE
1
2
3
1
2
3
1
2
3 x M6


Similar Part No. - IRK236

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK2.6 IRF-IRK2.6 Datasheet
155Kb / 8P
ADD-A-pak-TM GEN V Power Modules
logo
TRANSYS Electronics Lim...
IRK250-04 TEL-IRK250-04 Datasheet
185Kb / 1P
Power Module 250 Amp
IRK250-08 TEL-IRK250-08 Datasheet
185Kb / 1P
Power Module 250 Amp
IRK250-12 TEL-IRK250-12 Datasheet
185Kb / 1P
Power Module 250 Amp
IRK250-14 TEL-IRK250-14 Datasheet
185Kb / 1P
Power Module 250 Amp
More results

Similar Description - IRK236

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
IRK166-04 TEL-IRK166-04 Datasheet
261Kb / 1P
Power Module 165 Amp
IRK196-04 TEL-IRK196-04 Datasheet
262Kb / 1P
Power Module 195 Amp
IRK250-04 TEL-IRK250-04 Datasheet
185Kb / 1P
Power Module 250 Amp
IRK270-04 TEL-IRK270-04 Datasheet
185Kb / 1P
Power Module 270 Amp
IRK320-04 TEL-IRK320-04 Datasheet
185Kb / 1P
Power Module 320 Amp
IRK56-04 TEL-IRK56-04 Datasheet
192Kb / 1P
Power Module 60 Amp
IRK71-04 TEL-IRK71-04 Datasheet
192Kb / 1P
Power Module 80 Amp
IRK91-04 TEL-IRK91-04 Datasheet
192Kb / 1P
Power Module 100 Amp
logo
List of Unclassifed Man...
SYPM4KI ETC2-SYPM4KI Datasheet
39Kb / 1P
APC Symmetra LX 4kVA Power Module, 220/230/240V
logo
Vishay Siliconix
VS-UFL230FA60 VISHAY-VS-UFL230FA60 Datasheet
142Kb / 7P
Insulated Ultrafast Rectifier Module, 230 A
31-May-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com