Electronic Components Datasheet Search
  English  ▼

X  

LB222 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # LB222
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB222 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button LB222 Datasheet HTML 9Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 10Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 11Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 12Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 13Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 14Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 15Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 16Page - List of Unclassifed Manufacturers LB222 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
11
Utica® Torque Limiting Screwdrivers
Miniature Model Accessories & Kit
Blade
Blade
Screw
Part No.
Width
Thick.
Size
TW0
.040
.004
0000, 000
TW1D
.055
.006
0000, 000
TW2D
.070
.006
000, 00
TW3D
.080
.008
00, 0, 1
TW4D
.100
.010
0, 1, 2
Slotted Bits
Hex Keys
Cap
Set
Flathead
Hex
Screw
Screw
Screw
Part No.
Size
Size
Size
Size
TW12D
.028
-
0
-
TW13D
.035
-
1, 2
0
TW14D
.050
0
3, 4
1, 2
TW15D
1/16
1
5, 6
3, 4
TW16D
5/64
2, 3
8
5, 6
Hex Sockets
Hex
Screw
Nut
Part No.
Size
Size
Size
TW5D
5/64
000, 00
000, 00
TW6D
3/32
0
-
TW7D
7/64
1
-
TW8D
1/8
2
-
TW9
5/32
-
0, 1
Spline Keys
Part No.
Spline Size
No. of flutes
28715-01
.048
4
28715-02
.048
6
28715-03
.060
6
28715-04
.069
6
28715-05
.072
6
28715-06
.076
4
28715-07
.096
6
Phillips Bits
Part No.
Point Size
Screw size
TW10D
0
0, 1
TW11D
1
2, 3, 4
CAUTION: 1. Under normal use, periodic recalibration may be necessary to ensure accurate readings and applied torque.
2. FOR EXTENDED SPRING LIFE, RETURN TO LOWEST SETTING AFTER EACH USE.
Miniature Kit No. KTT-1
(Formerly Kit TT-1-4A)
Range 5-20 in.-oz.
29 piece
Part No.
Qty.
Comp.
Description
1
TT-1
Adj. torque screwdriver
1
TW0
Torque screwdriver bld. .040
1
TW1D
Torque screwdriver bld. .055
1
TW2D
Torque screwdriver bld. .070
1
TW3D
Torque screwdriver bld. .080
1
TW4D
Torque screwdriver bld. .100
1
TW10
Phillips screwdriver SZ. 0,1
1
TW11D
Phillips screwdriver SZ. 2,3,4
1
28715-01
Spline key size .048 - 4 Flutes
1
28715-02
Spline key size .048 - 6 Flutes
1
28715-03
Spline key size .060 - 6 Flutes
1
28715-04
Spline key size .069 - 6 Flutes
1
28715-05
Spline key size .072 - 6 Flutes
1
28715-06
Spline key size .076 - 4 Flutes
1
28715-07
Spline key size .096 - 6 Flutes
2
HW20
Bit holder universal torque
1
TW5D
Hex socket 5/64”
1
TW6D
Hex socket 3/32”
1
TW7D
Hex socket 7/64”
1
TW8D
Hex socket 1/8”
1
TW9
Hex socket 5/32”
1
TW12D
Hex key .028
1
TW13D
Hex key .035
1
TW14D
Hex key .050
1
TW15D
Hex key 1/16
1
TW16D
Hex key 5/64
1
Case
1
Insert
Miniature Kit No. KTT-SN-1
Range 2-30 in.-oz.
29 piece
Part No.
Qty.
Comp.
Description
1
TT-SN-1
Adj. torque screwdriver
1
TW0
Torque screwdriver bld. .040
1
TW1D
Torque screwdriver bld. .055
1
TW2D
Torque screwdriver bld. .070
1
TW3D
Torque screwdriver bld. .080
1
TW4D
Torque screwdriver bld. .100
1
TW10
Phillips screwdriver SZ. 0,1
1
TW11D
Phillips screwdriver SZ. 2,3,4
1
28715-01
Spline key size .048 - 4 Flutes
1
28715-02
Spline key size .048 - 6 Flutes
1
28715-03
Spline key size .060 - 6 Flutes
1
28715-04
Spline key size .069 - 6 Flutes
1
28715-05
Spline key size .072 - 6 Flutes
1
28715-06
Spline key size .076 - 4 Flutes
1
28715-07
Spline key size .096 - 6 Flutes
2
HW20
Bit holder universal torque
1
TW5D
Hex socket 5/64”
1
TW6D
Hex socket 3/32”
1
TW7D
Hex socket 7/64”
1
TW8D
Hex socket 1/8”
1
TW9
Hex socket 5/32”
1
TW12D
Hex key .028
1
TW13D
Hex key .035
1
TW14D
Hex key .050
1
TW15D
Hex key 1/16
1
TW16D
Hex key 5/64
1
Case
1
Insert
Refer to page 4 for
description of Rapid Select.
Miniature Kit KTT-SN-1
Miniature Kit KTT-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com