Electronic Components Datasheet Search
  English  ▼

X  

5116 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5116
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5116 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5116 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 9Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 10Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 11Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 12Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 13Page - List of Unclassifed Manufacturers 5116 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
8
Utica® Torque Limiting Screwdrivers
Standard Models
s Standard product calibrated right hand only. Left hand
calibration on request.
s Choice of adjustable models with precision micrometer
scale or factory preset models.
s U.S. Standard or metric scales
s Precision micrometer scale (adjustable models)
calibrated in inch-ounces or inch-pounds.
Metric models: cm-kg.
s Easy-release bit holders securely retain bits during
operation while permitting easy removal.
s Anti-backlash design for repeatability.
s Meets or exceeds ASME B107.14M and
ISO 6789 specifications.
s Adjustable model accuracy is ±6% of setting, starting
at 20% of full scale to full scale. Right hand only.
s Preset models accuracy ±4% right hand only.
TS-30
TS-SN-1
Collar
Weight
Model No.
Range
Color Increments
Hex Drive
lbs.
kg.
U.S. Standard
TS-100
20–100 in.-oz. Black
2 in.-oz. 1/4 Female .50
.23
TS-30
6–30 in.-lb.
Red
1 in.-lb.
1/4 Female .50
.23
TS-35
6–36 in.-lb.
Blue
1 in.-lb.
1/4 Female .50
.23
Metric
TS-3M*
.7–3.5 Nm
Gold
.1 Nm
1/4 Female .50
.23
*See page 1 for description of model change.
If calibration certification is required, request at time of purchase.
Adjustable Models
Preset Models (Preset models are designed for highly repetitive assembly line operations.)
Range
Hex
Model No.
in.-oz.
in.-lb.
Nm
cm-kg
Drive
TS-SN-1
10–150
1–10
.1–1.1
1–12
1/4 Female
TS-SN-2
64–640
4–40
.5–4.5
5–45
1/4 Female
If calibration certification is required, request at time of purchase.
NOTE: When ordering preset tools, specify desired torque setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com