Electronic Components Datasheet Search
  English  ▼

X  

33882 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33882
Description  Six-Output Low-Side Switch with SPI and Parallel Input Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33882 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33882 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33882 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33882
PACKAGING
PACKAGE DIMENSIONS
PACKAGING
PACKAGE DIMENSIONS
For the most current package revision, visit www.freescale.com and perform a keyword search using the “98A” listed below.
CASE 979A
−09
ISSUE H
DATE 02/08/02
SEATING
PLANE
GAUGE
PLANE
DATUM
PLANE
BOTTOM VIEW
DETAIL Y
3.404
11.1
14.45
16
0.8
28X
B
M
0.20
C
30
16
15
1
2.7
1.1
12.6
7.3
A
M
0.20
C
1.1
W
W
0.20 C
0.35
0.152
DETAIL Y
SECTION W
−W
0.475
0.28
0.432
0.32
2.9
HEATSINK
AREA
B
A
C
H
.127 C
N
30X
4X
1 MAX
4X
1 MAX
PIN ONE ID
1.1 MAX x 45˚ ± 5˚
15.8
2.5
2X
10.9
13.95
0.9
2X
3
3.3
2.9
2.7
11.7
6.121
EXPOSED
0.23
0.23
0.35
0.35
0.84
0.025
8˚
MAX
NOTES:
1. CONTROLLING DIMENSION: MILLIMETER.
2. DIMENSIONS AND TOLERANCES PER ASME
Y14.5M, 1994.
3. DATUM PLANE
−H− IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.150 PER SIDE. DIMENSIONS D AND E1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE
−H−.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE b DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. DATUMS
−A− AND −B− TO BE DETERMINED AT
DATUM PLANE
−H−.
7. DIMENSION D DOES NOT INCLUDE TIEBAR
PROTRUSIONS. ALLOWABLE TIEBAR
PROTRUSIONS ARE 0.150 PER SIDE.
(1.6)
DH SUFFIX
30-PIN HSOP
PLASTIC PACKAGE
98ASH70329A
ISSUE H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com