Electronic Components Datasheet Search
  English  ▼

X  

LB304 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # LB304
Description  TORQUE PRODUCTS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LB304 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button LB304 Datasheet HTML 18Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 19Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 20Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 21Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 22Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 23Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 24Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 25Page - List of Unclassifed Manufacturers LB304 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
20
Utica® Dial Indicating Torque Wrenches
Utica series dial torque wrenches are ideal for
engineering departments, quality control,
inspection and laboratory applications which
require exact torque readings during tightening. Utica beam
wrenches feature a patented counterbalanced indicator mechanism.
This maintains torque accuracy by preventing the pointer from
"dropping off" when the wrench is shifted from a horizontal to a
vertical position.
The dial design of the Utica dial wrench is unique for several
reasons. First, a parallax mirror provides correct dial readouts from
any position. When reading the dial at an angle, the true torque
reading is halfway between the pointer and the pointer reflections.
Second, the one-piece crystal and bezel is injection molded to
increase strength and reliability compared to typical multi-piece
crystal designs. Third, the dial design also incorporates sturdy integral
indicator guards to reduce the potential for crystal breakage.
s Allow determination of applied right or left hand torque with
accuracy of ±4% in either direction. Accuracy of ±2%
available on special order.
s Slim drive end allows use in tight work areas.
s Memory indicator locks on previous reading.
DA-8
Slim
Drive
End
Precision
Die-Cast
Housing
Counterbalanced
Indicating
Mechanism
One-Piece
Crystal and
Bezel
Parallax
Correcting
Mirror
Handle
Extension
Bore
Sturdy
Integral
Indicator
Guards
Memory
Indicator
Drive
Range
Graduations
Weight
Model No.
Size (in.)
Nm
in.-lb
Nm
in.-lb
lb.
kg
DA-3
1/4
0–3.2
0–30
0.1
1.0
1.8
0.8
DA-8
1/4
0–8.2
0–75
0.2
2.5
1.8
0.8
DA-16
3/8
0–16.5
0–150
0.5
2.5
1.9
0.9
DA-35
3/8
0–35.0
0–300
0.5
5.0
1.9
0.9
DA-70
3/8
0–70.0
0–600
1.0
10.0
2.0
0.9
**See page 1 for description of model change.
Nm/in.-lb. Scale**
Drive
Range
Graduations
Weight
Model No.
Size (in.)
Nm
ft.-lb
Nm
ft.-lb
lb.
kg
DA-70F
3/8
0–70
0–50
1.0
1.0
2.0
0.9
DA-140F
1/2
0–140
0–100
2.0
2.0
3.3
1.5
DA-240F
1/2
0–240
0–175
5.0
5.0
6.7
3.0
DA-320F*x 1/2
0–320
0–250
10.0
5.0
5.5
2.5
DA-480F*x 3/4
0–480
0–350
10.0
10
12.4
5.6
DA-820F*z 3/4
0–820
0–600
20.0
10
11.0
5.0
*x includes extension bar
*z includes extension bar and helper bar
**See page 1 for description of model change.
Nm/ft.-lb. Scale**
Drive
Range
Graduations
Weight
Model No.
Size (in.)
ft.-lb
ft.-lb
lb.
kg
DA4350FMPC*x
3/4
0–350
10
7.0
3.2
*x includes extension bar.
Calibration certification may be provided with each tool for a nominal charge.
Dial Wrench With Protective Cage (protects crystal and dial from damage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com