Electronic Components Datasheet Search
  English  ▼

X  

SE2521A60-R Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE2521A60-R
Description  RangeCharger??2.4 GHz Wireless LAN Front End
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE2521A60-R Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE2521A60-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE2521A60-R Datasheet HTML 9Page - SiGe Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SE2521A60
RangeCharger™ 2.4 GHz Wireless LAN Front End
177-DST-01 Rev 1.4 Apr-04-2006
Confidential
1 of 16
QA040406
Applications
IEEE802.11b DSSS WLAN
IEEE802.11g OFDM WLAN
Access Points, PCMCIA, PC cards
Features
Pin for pin compatible to SiGe’s SE2521A34 but
providing 2 dB extra output power
Dual Mode IEEE802.11b & IEEE802.11g
All RF ports matched to 50 Ω
Integrated PA, TX Filter, DPDT T/R and Diversity
switches
Integrated Power Detector
23 dBm O/P Power, 802.11b, 11 Mbits, ACPR <-
35 dBc
18 dBm @ 2.0 %, 802.11g, 54 Mbits
Single supply voltage: 3.3 V ± 10 %
Lead free and RoHS compliant
Small lead free plated package, 8 mm x 7 mm x
1.1 mm, MSL 3
Ordering Information
Part No.
Package
Remark
SE2521A60
24 pin LGA
Samples
SE2521A60-R
24 pin LGA
Tape and Reel
SE2521A60-EK1
N/A
Evaluation kit
Product Description
The SE2521A60 is a complete 802.11 b/g WLAN RF
front-end module providing all the functionality of the
power amplifier, power detector, T/R switch, diversity
switch and associated matching. The SE2521A60
provides a complete 2.4 GHz WLAN RF solution from
the output of the transceiver to the antennas in an
ultra compact form factor.
Designed for ease of use, all RF ports are matched to
50 Ω to simplify PCB layout and the interface to the
transceiver RFIC. The SE2521A60 also includes a
transmitter power detector with 20 dB of dynamic
range and a digital enable control for transmitter
power ramp on/off control. The power ramp rise/fall
time is 1 µsec typical.
The device also provides a notch filter from 3.2-3.3
GHz prior to the input of the power amplifier.
The SE2521A60 is footprint compatible to SiGe’s
SE2521A34 and can be placed directly into existing
SE2521A34 designs easily providing higher output
power solutions
Functional Block Diagram
Bias Circuitry
Power
Detector
ANT_B
C1
PD_OUT
TX
EN
50 Ohm
Match
RX
OUT
Switch
Control
C3
C2
C4
50 Ohm
Match
50 Ohm
Match
50 Ohm
Match
Filter
TX
IN
ANT_A
OMN
LPF
V
CC1
Figure 1: Functional Block Diagram


Similar Part No. - SE2521A60-R

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2521A60-R SKYWORKS-SE2521A60-R Datasheet
563Kb / 17P
2.4 GHz Wireless LAN Front-End
September 25, 2012
More results

Similar Description - SE2521A60-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
logo
SiGe Semiconductor, Inc...
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
2.4 GHz Wireless LAN Front End Preliminary
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
2.4 GHz High Efficiency Wireless LAN/BT Front End
logo
Texas Instruments
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com