Electronic Components Datasheet Search
  English  ▼

X  

JRBS-40SC-8C/EX Datasheet(PDF) 2 Page - Turck, Inc.

Part # JRBS-40SC-8C/EX
Description  FOUNDATION fieldbus and PROFIBUS-PA IP20 junction box, 8-channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

JRBS-40SC-8C/EX Datasheet(HTML) 2 Page - Turck, Inc.

  JRBS-40SC-8C/EX Datasheet HTML 1Page - Turck, Inc. JRBS-40SC-8C/EX Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 2
Type
JRBS-40SC-8C/EX
ID
6611453
Fieldbus standard
IEC 61158-2
Operating voltage
12…32 VDC
Current self-consumption
ð
7 mA
Voltage drop
ð
0.3V
Short-circuit protection
ð
30, ð 35, ð 45, ð 60 mA
Displays/Operating elements
Operational readiness
1 × green
Short-circuit message
8 x red
Ex approval acc. to conformity certificate
PTB 05 ATEX 2002
Device designation
É
II 2 G Ex ib IIC/IIB T4
Device marking
É
II 2(1) G Ex ia IIC/IIB T4
É
II 2 G (2D) Ex ib [ibD] IIB T4
É
II 2(1) G (1D) Ex ia [iaD] IIB T4
FISCO / Entity field device
Entity Parameter
Max. output voltage U
o
ð
24 V
Max. output current I
o
ð
250 mA
Max. output power P
o
ð
2560 mW
Max. input voltage U
i
ð
24 V
Max. input current I
i
ð
250 mA
Max. input power P
i
ð
2560 mW
FISCO parameter according to IEC 60079-11
Max.output voltage U
o
ð
17.5 V
Max. output current I
o
ð
380 mA
Max. output power P
o
ð
5320 mW
Max. input voltage U
i
ð
17.5 V
Max. input current I
i
ð
380 mA
Max. input power P
i
ð
5320 mW
External inductance/capacitance L
i
/C
i
Trunk (In/Out):
negligible / ð 5.00 nF
per field current circuit:
negligible / ð 0.47 nF
æ
field current circuits:
negligible / ð 5.00 nF
Ex approval acc. to conformity certificate
TURCK Ex-13002H X
Device designation
É
II 3 G Ex nA IIC T4 Gc
Device designation
É
II 3 G Ex ic IIC T4 Gc
Electrical connection
Spring type terminals
Segment IN
8 x Cage clamp terminal
Segment OUT
1 x Cage clamp terminal
Spur line
1 x Cage clamp terminal
Terminal cross-section
0.2…2.5 mm² (AWG: 24…14)
Earthing bolt
M5 x 1
Protection class
IP20
MTTF
117 years acc. to SN 29500 (Ed. 99) 40 °C
Ambient temperature
-25…+70 °C
Housing material
Aluminium
Housing color
Black
Dimensions
177 x 31 x 75.5 mm
Connection mode
snap-fit on DIN rail (DIN 60715)
Dimensions
Terminal assignment



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com