Electronic Components Datasheet Search
  English  ▼

X  

751 Datasheet(PDF) 24 Page - Greenlee Communications

Part # 751
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

751 Datasheet(HTML) 24 Page - Greenlee Communications

Back Button 751 Datasheet HTML 20Page - Greenlee Communications 751 Datasheet HTML 21Page - Greenlee Communications 751 Datasheet HTML 22Page - Greenlee Communications 751 Datasheet HTML 23Page - Greenlee Communications 751 Datasheet HTML 24Page - Greenlee Communications 751 Datasheet HTML 25Page - Greenlee Communications 751 Datasheet HTML 26Page - Greenlee Communications 751 Datasheet HTML 27Page - Greenlee Communications 751 Datasheet HTML 28Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
164
Crimping Tool 8-1 AWG
• Small size and lightweight make this an ideal tool for crimping small lugs
and splices.
• Easily fits in tool pouches.
• Full-cycle mechanism assures that crimps are complete.
• Jaws can be opened in mid-cycle if necessary to adjust connector.
• Wide grips make crimping easy on the hands.
• UL and cUL classified with Anderson, Blackburn, Burndy, ILSCO, Panduit,
Penn-Union, and Thomas & Betts copper color-coded code connectors.
SPECIFICATIONS
Capacity
8 AWG - 1 AWG copper color-coded connectors
Length
10" (273 mm)
Weight
1.4 lbs. (0.6 kg)
CAT. NO.
UPC NO.
DESCRIPTION
K111
10763
Crimping Tool
CAT. NO.
UPC NO.
DESCRIPTION
K05-1GL
02624
Crimping Tool
K05-1SPGL
02625
Crimping Tool, full cycle mechanism
CAT. NO.
UPC NO.
DESCRIPTION
K09-2GL
02628
Crimping Tool
K09-2SPGL
02629
Crimping Tool, full cycle mechanism
CAT. NO.
UPC NO.
DESCRIPTION
K09-3GL
02630
Crimping Tool
K-Series Crimping Tool 3/0-400
• UL classified and CSA certified with Anderson, Blackburn, Burndy, ILSCO,
Panduit, Thomas & Betts and Penn-Union copper connectors.
• Crimps the larger copper connector sizes all the way to 400 kcmil (MCM).
• Color-coded, hexagonal rotating dies.
SPECIFICATIONS
Capacity
3/0 AWG - 400 kcmil (MCM) Copper
Length
25.5" (650 mm)
Weight
6.4 lbs. (2.6 kg)
K-Series Crimping Tool – 8-4/0 AWG
• UL classified and CSA certified with Anderson, Blackburn, Burndy, ILSCO,
Panduit, Thomas & Betts and Penn-Union copper connectors.
• Crimps all the popular small to mid-range copper connector sizes.
• Long length results in low handle efforts.
• Color-coded, hexagonal rotating dies.
SPECIFICATIONS
Capacity
8 AWG - 4/0 AWG Copper
Length
25.5" (650 mm)
Weight
6.4 lbs. (2.9 kg)
K-Series Crimping Tool 8-1/0 AWG
• Crimps smaller copper connectors.
• UL classified and CSA certified with Anderson, Blackburn, Burndy, ILSCO,
Panduit, Thomas & Betts and Penn-Union copper connectors.
• Small, lightweight, easy to handle.
• Easy to get in tight locations.
• Color-coded, hexagonal rotating dies.
SPECIFICATIONS
Capacity
8 AWG - 1/0 AWG Copper
Length
15.4" (390 mm)
Weight
2.4 lbs. (1.1 kg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com