Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC10AD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC10AD
Description  SN74LVC10A Triple 3-Input Positive-NAND Gate
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC10AD Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC10AD Datasheet HTML 4Page - Texas Instruments SN74LVC10AD Datasheet HTML 5Page - Texas Instruments SN74LVC10AD Datasheet HTML 6Page - Texas Instruments SN74LVC10AD Datasheet HTML 7Page - Texas Instruments SN74LVC10AD Datasheet HTML 8Page - Texas Instruments SN74LVC10AD Datasheet HTML 9Page - Texas Instruments SN74LVC10AD Datasheet HTML 10Page - Texas Instruments SN74LVC10AD Datasheet HTML 11Page - Texas Instruments SN74LVC10AD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
6 Detailed Description
6.1 Overview
The SN74LVC10A performs the Boolean function Y = A • B • C or Y = A + B + C in positive logic.
Inputs can be driven from either 3.3V or 5V devices. This feature allows the use of these devices as translators
in a mixed 3.3V/5V system environment.
6.2 Functional Block Diagram
Y
A
B
C
Figure 6-1. Logic Diagram, Each Gate (Positive Logic)
6.3 Device Functional Modes
Table 6-1. Function Table
(Each Gate)
INPUTS
OUTPUT
Y
A
B
C
H
H
H
L
L
X
X
H
X
L
X
H
X
X
L
H
SN74LVC10A
SCAS284P – JANUARY 1993 – REVISED MAY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74LVC10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com