Electronic Components Datasheet Search
  English  ▼

X  

GLZ2.0B Datasheet(PDF) 4 Page - Won-Top Electronics

Part # GLZ2.0B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

GLZ2.0B Datasheet(HTML) 4 Page - Won-Top Electronics

  GLZ2.0B Datasheet HTML 1Page - Won-Top Electronics GLZ2.0B Datasheet HTML 2Page - Won-Top Electronics GLZ2.0B Datasheet HTML 3Page - Won-Top Electronics GLZ2.0B Datasheet HTML 4Page - Won-Top Electronics GLZ2.0B Datasheet HTML 5Page - Won-Top Electronics GLZ2.0B Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
4
Revision: September, 2012
Electrical Characteristics (@TA=25°C unless otherwise specified) Table 1 (Cont’d)
Zener Voltage Range
(Note 1)
Maximum Zener Impedance
(Note 2)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Type
Number
Device
Marking
Code
Nom (V)
Min (V)
Max (V)
(Ω)
(mA)
(Ω)
(mA)
(µA)
(V)
GLZ13A
GLZ13B
GLZ13C
13A
13B
13C
13
13
13
12.11
12.55
12.99
12.75
13.21
13.66
14
14
14
10
10
10
110
110
110
0.5
0.5
0.5
0.2
0.2
0.2
10
10
10
GLZ15A
GLZ15B
GLZ15C
15A
15B
15C
15
15
15
13.44
13.89
14.35
14.13
14.62
15.09
16
16
16
10
10
10
110
110
110
0.5
0.5
0.5
0.2
0.2
0.2
11
11
11
GLZ16A
GLZ16B
GLZ16C
16A
16B
16C
16
16
16
14.80
15.25
15.69
15.57
16.04
16.51
18
18
18
10
10
10
150
150
150
0.5
0.5
0.5
0.2
0.2
0.2
12
12
12
GLZ18A
GLZ18B
GLZ18C
18A
18B
18C
18
18
18
16.22
16.82
17.42
17.06
17.70
18.33
23
23
23
10
10
10
150
150
150
0.5
0.5
0.5
0.2
0.2
0.2
13
13
13
GLZ20A
GLZ20B
GLZ20C
GLZ20D
20A
20B
20C
20D
20
20
20
20
18.02
18.63
19.23
19.72
18.96
19.59
20.22
20.72
28
28
28
28
10
10
10
10
200
200
200
200
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
15
15
15
15
GLZ22A
GLZ22B
GLZ22C
GLZ22D
22A
22B
22C
22D
22
22
22
22
20.15
20.64
21.08
21.52
21.20
21.71
22.17
22.63
30
30
30
30
5.0
5.0
5.0
5.0
200
200
200
200
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
17
17
17
17
GLZ24A
GLZ24B
GLZ24C
GLZ24D
24A
24B
24C
24D
24
24
24
24
22.05
22.61
23.12
23.63
23.18
23.77
24.31
24.85
35
35
35
35
5.0
5.0
5.0
5.0
200
200
200
200
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
19
19
19
19
GLZ27A
GLZ27B
GLZ27C
GLZ27D
27A
27B
27C
27D
27
27
27
27
24.26
24.97
25.63
26.29
25.52
26.26
26.95
27.64
45
45
45
45
5.0
5.0
5.0
5.0
250
250
250
250
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
21
21
21
21
GLZ30A
GLZ30B
GLZ30C
GLZ30D
30A
30B
30C
30C
30
30
30
30
26.99
27.70
28.36
29.02
28.39
29.13
29.82
30.51
55
55
55
55
5.0
5.0
5.0
5.0
250
250
250
250
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
23
23
23
23
GLZ33A
GLZ33B
GLZ33C
GLZ33D
33A
33B
33C
33D
33
33
33
33
29.68
30.32
30.90
31.49
31.22
31.88
32.50
33.11
65
65
65
65
5.0
5.0
5.0
5.0
250
250
250
250
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
25
25
25
25
GLZ36A
GLZ36B
GLZ36C
GLZ36D
36A
36B
36C
36D
36
36
36
36
32.14
32.79
33.40
34.01
33.79
34.49
35.13
35.77
75
75
75
75
5.0
5.0
5.0
5.0
250
250
250
250
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
27
27
27
27
GLZ39A
GLZ39B
GLZ39C
GLZ39D
39A
39B
39C
39D
39
39
39
39
34.68
35.36
36.00
36.63
36.47
37.19
37.85
38.52
85
85
85
85
5.0
5.0
5.0
5.0
250
250
250
250
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
30
30
30
30
GLZ41
GLZ43
GLZ47
GLZ51
GLZ56
41
43
47
51
56
41
43
47
51
56
37.00
40.00
44.00
48.00
53.00
41.00
45.00
49.00
54.00
60.00
90
90
90
110
110
5.0
5.0
5.0
5.0
5.0
-
-
-
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
30
33
36
39
43
Note: 1. Measured with pulses tp = 1ms.
2. f = 1KHz
GLZ SERIES
WON-TOP ELECTRONICS
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com