Electronic Components Datasheet Search
  English  ▼

X  

MA22 Datasheet(PDF) 49 Page - Greenlee Communications

Part # MA22
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA22 Datasheet(HTML) 49 Page - Greenlee Communications

Back Button MA22 Datasheet HTML 42Page - Greenlee Communications MA22 Datasheet HTML 43Page - Greenlee Communications MA22 Datasheet HTML 44Page - Greenlee Communications MA22 Datasheet HTML 45Page - Greenlee Communications MA22 Datasheet HTML 46Page - Greenlee Communications MA22 Datasheet HTML 47Page - Greenlee Communications MA22 Datasheet HTML 48Page - Greenlee Communications MA22 Datasheet HTML 49Page - Greenlee Communications MA22 Datasheet HTML 50Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
189
CAT. NO.
UPC NO.
DESCRIPTION
K28GL
02634
Wire Ferrule Crimper
CAT. NO.
UPC NO.
DESCRIPTION
K29GL
02635
Wire Ferrule Crimper
Wire Ferrule Crimping Tool 25 – 10 AWG
• Makes square shaped crimps.
• Full cycle ratchet mechanism assures complete crimps.
• Adjusts automatically to correct crimp size.
CAT. NO.
UPC NO.
DESCRIPTION
K30GL
02636
Wire Ferrule Crimper
SPECIFICATIONS
Range
25 - 10 AWG (0.14 - 6 mm2)
Length
6.9" (175 mm)
Weight
1.1 lbs. (0.4 kg)
Wire Ferrule Crimping Tool 7 – 1/0 AWG
• Makes trapezoidal crimps with full cycle ratchet mechanism to assure
complete crimps.
• Crimps single and twin cable wire ferrules.
SPECIFICATIONS
Range
Single cable wire ferrules:
7 - 1/0 AWG (10 - 50 mm2)
Twin wire ferrules:
2 x 11 - 2 x 5 AWG (2 x 4 - 2 x 16 mm2)
Length
13.2" (335 mm)
Weight
1.8 lbs. (0.8 kg)
Wire Ferrule Crimping Tool 1/0 – 3/0 AWG
• Makes trapezoidal crimps with full cycle ratchet mechanism to assure
complete crimps.
SPECIFICATIONS
Range
1/0 - 3/0 AWG (50 - 90 mm2)
Length
13.2" (335 mm)
Weight
1.8 lbs. (0.8 kg)
greenlee.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com