Electronic Components Datasheet Search
  English  ▼

X  

MA120 Datasheet(PDF) 21 Page - Greenlee Communications

Part # MA120
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

MA120 Datasheet(HTML) 21 Page - Greenlee Communications

Back Button MA120 Datasheet HTML 17Page - Greenlee Communications MA120 Datasheet HTML 18Page - Greenlee Communications MA120 Datasheet HTML 19Page - Greenlee Communications MA120 Datasheet HTML 20Page - Greenlee Communications MA120 Datasheet HTML 21Page - Greenlee Communications MA120 Datasheet HTML 22Page - Greenlee Communications MA120 Datasheet HTML 23Page - Greenlee Communications MA120 Datasheet HTML 24Page - Greenlee Communications MA120 Datasheet HTML 25Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
CAT. NO.
UPC NO.
DESCRIPTION
CK123011
01370
Corded 12-Ton Crimping Tool, 1.2" (30 mm)
opening, 120 V
CK123022
01372
Corded 12-Ton Crimping Tool, 1.2" (30 mm)
opening, 230 V
CK124011
01373
Corded 12-Ton Crimping Tool, 1.65" (42 mm)
opening, 120 V
CK124022
01374
Corded 12-Ton Crimping Tool, 1.65" (42 mm)
opening, 230 V
Gator-Plus™ 12-Ton Corded Crimping Tools
• Operates directly from 120 volt or 230 volt electrical outlets. No need to
charge batteries or worry about running out of power.
• Equipped with 15 foot (5 m) cord. Can be used with extension cords.
• Two crimping head choices: CK1230 for industry “U” type dies with 1.20"
(30 mm) opening, and CK1240 for industry “U” type dies with 1.65"
(42 mm) opening.
• New head designs result in lower weight and improved durability –
tested to 50,000 crimp cycles.
• Two-speed pump to reduce cycle time.
• Ram automatically retracts when crimp cycle is complete –
a Greenlee exclusive.
• Crimping heads rotate 360°.
• Includes steel carrying case.
SPECIFICATIONS
Capacity
EK1230 & EK1240 – See crimping tool capacity chart on page 157
Crimping Force
24,000 lb (106 kN)
Length
CK1230: 14-5/8" (371 mm);
CK1240: 15-1/4" (387 mm)
Weight
CK1230: 14.1 lbs (6.4 kg);
CK1240: 14.9 lbs (6.8 kg)
HK1230
HK1240K
HK1240KC
HK1240
12-Ton Manual Hydraulic Crimping Tools
• Three crimping head choices: HK1230 for industry “U” type dies with
1.20" (30 mm) opening, HK1240 for industry “U” type dies with 1.65"
(42 mm) opening, and HK1240K for Kearney PH2 type dies.
• New head designs result in lower weight and improved durability – tested
to 50,000 crimp cycles.
• Two-speed pump to reduce cycle time.
• Ram automatically retracts when crimp cycle is complete –
a Greenlee exclusive.
• Crimping heads rotate 360°.
• Smaller and lighter than competitive tools.
• Covered head models have two layers of PVC that total approximately
3/16" (4.8 mm) thick. The outer layer is black and the inner layer is red.
• Includes steel carrying case.
• U.S. Patent #6,206,663.
CAT. NO.
UPC NO.
DESCRIPTION
HK1230
06426
12-Ton Hydraulic Crimping Tool, 1.2" (30 mm) opening
HK1230C
07199
12-Ton Hydraulic Crimping Tool, 1.2" (30 mm) opening,
PVC covered
HK1240
06427
12-Ton Hydraulic Crimping Tool, 1.65" (42 mm) opening
HK1240C
07202
12-Ton Hydraulic Crimping Tool, 1.65" (42 mm) opening,
PVC covered
HK1240K
06428
12-Ton Hydraulic Crimping Tool, Kearney head
HK1240KC
07203
12-Ton Hydraulic Crimping Tool, Kearney head,
PVC covered
Crimping Dies on page 171.
SPECIFICATIONS
Capacity
HK1230 & HK1240 – See crimping tool capacity chart on pg. 157;
HK1240K – ASCR terminals 1033 kcmil (MCM),
ASCR tension fittings 477 kcmil (MCM)
Crimping Force
24,000 lbs (106 kN)
Length
HK1230 – 20-3/8" (518 mm); HK1240 – 21-1/2" (546 mm);
HK1240K – 22" (557 mm)
Weight
HK1230 – 12.2 lbs (5.5 kg); HK1240 & HK1240K – 13.2 lbs. (6.0 kg)
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com