Electronic Components Datasheet Search
  English  ▼

X  

TF70 Datasheet(PDF) 46 Page - Greenlee Communications

Part # TF70
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

TF70 Datasheet(HTML) 46 Page - Greenlee Communications

Back Button TF70 Datasheet HTML 42Page - Greenlee Communications TF70 Datasheet HTML 43Page - Greenlee Communications TF70 Datasheet HTML 44Page - Greenlee Communications TF70 Datasheet HTML 45Page - Greenlee Communications TF70 Datasheet HTML 46Page - Greenlee Communications TF70 Datasheet HTML 47Page - Greenlee Communications TF70 Datasheet HTML 48Page - Greenlee Communications TF70 Datasheet HTML 49Page - Greenlee Communications TF70 Datasheet HTML 50Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
186
Insulated Wire Ferrules
• Terminate stranded wire into terminal blocks.
• Electrolytic copper and tin plating provide maximum conductivity and
low contact resistance.
SPECIFICATIONS
Material Copper
Surface Tin plated
Insulated Polypropylene plastic
COLOR CODE: OLD DIN STANDARD
CONDUCTOR
DIMENSIONS
SIZE
CATALOG
UPC
INCHES (mm)
RECOMMENDED
AWG (mm2)
NUMBER
NUMBER COLOR
L1
L2
CRIMPING TOOLS
26
166 / GR
04835
Gray
.409 (10.4) .236 (6)
K1GL, K32GL,
(0.14)
166 / GRL
04836
.488 (12.4) .315 (8)
24
167 / H
04837
Light
.409 (10.4) .236 (6)
K1GL, K32GL,
(0.25)
167 / HL
04838
Blue
.488 (12.4) .315 (8)
K30GL
22
168 / T
04839
Turquoise
.409 (10.4) .236 (6)
K1GL, K32GL,
(0.34)
168 / TL
04840
.488 (12.4) .315 (8)
K30GL
20
169 / OK
04841
Orange
.471 (12)
.236 (6)
K1GL, K32GL,
(0.5)
169 / O
04842
.551 (14)
.315 (8)
K36GL, K30GL
169 / OH
04843
.630 (16)
.394 (10)
18
170 / WK
04844
White
.488 (12.4) .236 (6)
K1GL, K32GL,
(0.75)
170 / W
04845
.574 (14.6) .315 (8)
K36GL, K30GL
170 / WH
04846
.645 (16.4) .394 (10)
170 / WL
04847
.724 (18.4) .471 (12)
18 - 17
171 / GK
04848
Yellow
.488 (12.4) .236 (6)
K1GL, K32GL,
(1)
171 / G
04849
.574 (14.6) .315 (8)
K36GL, K30GL
171 / GH
04850
.645 (16.4) .394 (10)
171 / GL
04851*
.724 (18.4) .471 (12)
16
172 / RO
04852
Red
.574 (14.6) .315 (8)
K1GL, K32GL,
(1.5)
172 / RH
04853
.645 (16.4) .394 (10)
K36GL, K30GL
172 / RL
04854
.960 (24.4) .709 (18)
14
173 / B
04855
Blue
.598 (15.2) .315 (8)
K1GL, K32GL,
(2.5)
173 / BH
04856
.748 (19)
.471 (12)
K36GL, K30GL
173 / BL
04857
.984 (25)
.709 (18)
12
174 / GR
04858
Gray
.649 (16.5) .394 (10)
K32GL, K36GL,
(4)
174 / GRH
04859
.767(19.5)
.471 (12)
K30GL
174 / GRL
04860
1.003 (25.5) .709 (18)
10
175 / S
04861
Black
.787 (20)
.471 (12)
K32GL, K34GL,
(6)
175 / SL
04862
1.024 (26)
.709 (18)
K36GL, K30GL
8
176 / E
04863
Ivory
.846 (21.5) .471 (12)
K28GL, K34GL
(10)
176 / EL
04864
1.082 (27.5) .709 (18)
6
177 / GR
04865
Green
.870 (22.2) .471 (12)
K28GL, K34GL
(16)
177 / GRL
04866
1.110 (28.2) .709 (18)
4
178 / BR
04867
Brown
1.181 (30)
.630 (16)
K28GL
(25)
178 / BRL
04868*
1.377 (35)
.866 (22)
2
179 / B
04869
Beige
1.181 (30)
.630 (16)
K28GL
(35)
179 / BL
04870*
1.535 (39)
.984 (25)
1/0
180 / O
04871*
Olive
1.433 (36.4) .787 (20)
K28GL, K29GL
(50)
COLOR CODE: DIN 46228, PART 4
CONDUCTOR
DIMENSIONS
SIZE
CATALOG
UPC
INCHES (mm)
RECOMMENDED
AWG (mm2)
NUMBER
NUMBER COLOR
L1
L2
CRIMPING TOOLS
20
469 / 6
04548
White
.471 (12)
.236 (6)
K1GL, K32GL,
(0,5)
469 / 8
04549
.551 (14)
.315 (8)
K36GL, K30GL
469 / 10
04550
.630 (16)
.394 (10)
18
470 / 6
04551
Gray
.471 (12)
.236 (6)
K1GL, K32GL,
(0,75)
470 / 8
04552
.551 (14)
.315 (8)
K36GL, K30GL
470 / 10
04553
.630 (16)
.394 (10)
470 / 12
04554
.709 (18)
.471 (12)
18 - 17
471 / 6
04555
Red
.471 (12)
.236 (6)
K1GL, K32GL,
(1)
471 / 8
04556
.551 (14)
.315 (8)
K36GL, K30GL
471 / 10
04557
.630 (16)
.394 (10)
471 / 12
04558
.709 (18)
.471 (12)
16
472 / 8
04559
Black
.551 (14)
.315 (8)
K1GL, K32GL,
(1,5)
472 / 10
04560
.630 (16)
.394 (10)
K36GL, K30GL
472 / 12
04561
.709 (18)
.471 (12)
472 / 18
04562
.945 (24)
.709 (18)
14
473 / 8
04563
Blue
.551 (14)
.315 (8)
K1GL, K32GL,
(2,5)
473 / 12
04564
.709 (18)
.471 (12)
K36GL, K30GL
473 / 18
04565
.945 (24)
.709 (18)
12
474 / 10
04566
Gray
.699 (17)
.394 (10)
K32GL, K36GL,
(4)
474 / 12
04567
.787 (20)
.471 (12)
K30GL
474 / 18
04568*
1.024 (26)
.709 (18)
10
475 / 12
04569
Yellow
.787 (20)
.471 (12)
K32GL, K34GL,
(6)
475 / 18
04570
1.024 (26)
.709 (18)
K36GL, K30GL
8
476 / 12
04571
Red
.866 (22)
.471 (12)
K28GL, K34GL
(10)
476 / 18
04572
1.102 (28)
.709 (18)
6
477 / 12
04573
Blue
.945 (24)
.471 (12)
K28GL, K34GL
(16)
477 / 18
04574
1.102 (28)
.709 (18)
4
478 / 16
04575
Yellow
1.181 (30)
.630 (16)
K28GL
(25)
478 / 18
04576
1.181 (30)
.709 (18)
478 / 22
04577
1.417 (36)
.866 (22)
2
479 / 16
04578*
Red
1.181 (30)
.630 (16)
K28GL
(35)
479 / 18
04579*
1.181 (30)
.709 (18)
479 / 25
04580*
1.535 (39)
.984 (25)
1/0
480 / 20
04581
Blue
1.417 (36)
.787 (20)
K28GL, K29GL
(50)
480 / 25
04582*
1.575 (40)
.984 (25)
*Special order.
See pages 188, 189 for recommended ferrule crimping tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com