Electronic Components Datasheet Search
  English  ▼

X  

22682 Datasheet(PDF) 18 Page - Greenlee Communications

Part # 22682
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

22682 Datasheet(HTML) 18 Page - Greenlee Communications

Back Button 22682 Datasheet HTML 14Page - Greenlee Communications 22682 Datasheet HTML 15Page - Greenlee Communications 22682 Datasheet HTML 16Page - Greenlee Communications 22682 Datasheet HTML 17Page - Greenlee Communications 22682 Datasheet HTML 18Page - Greenlee Communications 22682 Datasheet HTML 19Page - Greenlee Communications 22682 Datasheet HTML 20Page - Greenlee Communications 22682 Datasheet HTML 21Page - Greenlee Communications 22682 Datasheet HTML 22Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
158
Gator-Plus™ Battery-Powered 4-Ton Crimping Tools
• New breakthrough hydraulic pump design results in an extremely
compact battery-powered crimping tool with capacity to 250 kcmil (MCM)
copper color-coded connectors. Also crimps 5/8 and 840 service entrance
connectors.
• Special compact 9.6 volt Ni-Cd battery reduces weight and size.
• Slim profile and light weight provide for one-hand operation.
• Can complete approximately 85 crimps per battery charge with 4/0 copper
connectors.
• Ram automatically retracts to signal that crimp is complete.
• Ram can be retracted in mid-cycle to adjust connector.
• Flip-open crimping head rotates 360°.
• UL and cUL Classified with Anderson, Blackburn, Burndy, ILSCO, Panduit,
Penn-Union, and Thomas & Betts copper color-coded code connectors.
• Includes two batteries, battery charger, and molded carrying case.
• Choice of 120 volt, 230 volt, or 12 volt battery charger.
CAT. NO.
UPC NO.
DESCRIPTION
EK41011
02033
4-Ton Battery-Powered Crimping Tool, 120 V Charger
EK41012
02034
4-Ton Battery-Powered Crimping Tool, 12 V Charger
EK41022
02035
4-Ton Battery-Powered Crimping Tool, 230 V Charger
Crimping Dies shown below.
SPECIFICATIONS
Capacity
#8 AWG to 250 kcmil (MCM) copper color-coded connectors
5/8 service entrance connectors
840 service entrance connectors
Crimping Force
7,900 lb. (35 kN)
Length
14" (356 mm)
Width
3-1/8" (79 mm)
Weight
3.6 lbs. (1.6 kg)
Crimp Cycle Time
~4 seconds
Battery
9.6 volt 1.3 Ah Ni-Cd battery
Battery Charge Time
1 Hour
EK410
4-TON CRIMPING DIE KIT*
CAT. NO.
UPC NO.
DESCRIPTION
KC4CU
02037
Complete Die Set for copper connector. Includes dies for #8 to 250 kcmil
(MCM) copper connectors (dies can be stored in tool carrying case).
DIES FOR CRIMPING COLOR-CODED COPPER LUGS & SPLICES*
CAT. NO.
UPC NO.
COPPER CABLE SIZE
COLOR CODE
KC4-8
02075
8 AWG
Red
KC4-6
02076
6 AWG
Blue
KC4-4
02077
4 AWG
Gray
KC4-2
02078
2 AWG
Brown
KC4-1
02079
1 AWG
Green
KC4-1/0
02080
1/0 AWG
Pink
KC4-2/0
02081
2/0 AWG
Black
KC4-3/0
02082
3/0 AWG
Orange
KC4-4/0
02083
4/0 AWG
Purple
KC4-250
02084
250 kcmil (MCM)
Yellow
*Note: Connections are UL and cUL classified for copper when used with Anderson, Blackburn, FCI Burndy, ILSCO, Panduit, Thomas & Betts and Penn-Union color-coded lugs and splices.
KC4 DIES FOR SERVICE ENTRANCE CONNECTORS
CAT. NO.
UPC NO.
DESCRIPTION
KC4-10
02021
Crimping Dies for 5/8" Service
Entrance Connectors
KC4-840
02022
Crimping Dies for 840 Service
Entrance Connectors
Crimping Dies for 4-Ton EK410 Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com