Electronic Components Datasheet Search
  English  ▼

X  

800 Datasheet(PDF) 20 Page - Greenlee Communications

Part # 800
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

800 Datasheet(HTML) 20 Page - Greenlee Communications

Back Button 800 Datasheet HTML 16Page - Greenlee Communications 800 Datasheet HTML 17Page - Greenlee Communications 800 Datasheet HTML 18Page - Greenlee Communications 800 Datasheet HTML 19Page - Greenlee Communications 800 Datasheet HTML 20Page - Greenlee Communications 800 Datasheet HTML 21Page - Greenlee Communications 800 Datasheet HTML 22Page - Greenlee Communications 800 Datasheet HTML 23Page - Greenlee Communications 800 Datasheet HTML 24Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
160
SPECIFICATIONS
Capacity EK1230 & EK1240 – See crimping tool capacity chart on
page 157;
EK1240K – ASCR terminals 1033 kcmil (MCM),
ASCR tension fittings 477 kcmil (MCM)
Crimping Force
24,000 lb (106 kN)
Length
EK1230 – 14-5/8" (371 mm); EK1240 – 15-1/4" (387 mm);
EK1240K – 15-3/4" (398 mm)
Weight
EK1230 – 14.1 lbs (6.4 kg);
EK1240 & EK1240K – 14.9 lbs. (6.8 kg)
Crimping Dies on page 171.
EK1230
EK1240
EK1240K
EK1240C
Gator-Plus™ 12-Ton Battery-Powered Crimping Tools
• Three crimping head choices: EK1230 for industry “U” type dies with
1.20" (30 mm) opening, EK1240 for industry “U” type dies with 1.65"
(42 mm) opening, and EK1240K for Kearney PH2 type dies.
• New head designs result in lower weight and improved durability –
tested to 50,000 crimp cycles.
• Two-speed pump to reduce cycle time.
• Ram automatically retracts when crimp cycle is complete –
a Greenlee exclusive.
• Crimping heads rotate 360°.
• Covered head models have two layers of PVC that total approximately
3/16" (4.8 mm) thick. The outer layer is black and the inner layer is red.
• Powerful 12 volt 2.0Ah battery provides up to 35 crimps per charge.
• Includes one-hour battery charger, steel carrying case, and two batteries.
• U.S. Patent 6,206,663.
CAT. NO.
UPC NO.
DESCRIPTION
EK123011
06429
12-Ton Battery-Powered Crimping Tool, 1.2" (30 mm)
opening, 120 V Charger
EK123012
06431
12-Ton Battery-Powered Crimping Tool, 1.2" (30 mm)
opening, 12 V Charger
EK123022
06432
12-Ton Battery-Powered Crimping Tool, 1.2" (30 mm)
opening, 230 V Charger
EK1230C11
07190
12-Ton Battery-Powered Crimping Tool, 1.2" (30 mm)
opening, PVC covered, 120 V Charger
EK1230C12
07191
12-Ton Battery-Powered Crimping Tool, 1.2" (30 mm)
opening, 12 V Charger
EK1230C22
07192
12-Ton Battery Powered Crimping Tool, 1.2" (30 mm)
opening, PVC covered, 230 V Charger
EK124011
06436
12-Ton Battery-Powered Crimping Tool, 1.65" (42 mm)
opening, 120 V Charger
EK124012
06437
12-Ton Battery-Powered Crimping Tool, 1.65" (42 mm)
opening, 12 V Charger
EK124022
06439
12-Ton Battery-Powered Crimping Tool, 1.65" (42 mm)
opening, 230 V Charger
EK1240C11
07193
12-Ton Battery-Powered Crimping Tool, 1.65" (42 mm)
opening, PVC covered, 120 V Charger
EK1240C12
07194
12-Ton Battery-Powered Crimping Tool, 1.65" (42 mm)
opening, PVC covered, 12 V Charger
EK1240C22
07195
12-Ton Battery-Powered Crimping Tool, 1.65" (42 mm)
opening, PVC covered, 230 V Charger
EK1240K11
06443
12-Ton Battery-Powered Crimping Tool, Kearney head,
120 V Charger
EK1240K12
06444
12-Ton Battery-Powered Crimping Tool, Kearney head,
12 V Charger
EK1240K22
06445
12-Ton Battery-Powered Crimping Tool, Kearney head,
230 V Charger
EK1240KC11
07196
12-Ton Battery-Powered Crimping Tool, Kearney Head,
PVC covered, 120 V Charger
EK1240KC12
07197
12-Ton Battery-Powered Crimping Tool, Kearney Head,
PVC covered, 12 V Charger
EK1240KC22
07198
12-Ton Battery-Powered Crimping Tool, Kearney Head,
PVC covered, 230 V Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com