Electronic Components Datasheet Search
  English  ▼

X  

1913 Datasheet(PDF) 31 Page - Greenlee Communications

Part # 1913
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

1913 Datasheet(HTML) 31 Page - Greenlee Communications

Back Button 1913 Datasheet HTML 27Page - Greenlee Communications 1913 Datasheet HTML 28Page - Greenlee Communications 1913 Datasheet HTML 29Page - Greenlee Communications 1913 Datasheet HTML 30Page - Greenlee Communications 1913 Datasheet HTML 31Page - Greenlee Communications 1913 Datasheet HTML 32Page - Greenlee Communications 1913 Datasheet HTML 33Page - Greenlee Communications 1913 Datasheet HTML 34Page - Greenlee Communications 1913 Datasheet HTML 35Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
171
12-TON CRIMPING KITS
“U” STYLE DIE KITS
CAT. NO.
UPC NO.
DESCRIPTION
KD12CU
10260
Die Kit for #6-750 Copper Connectors – Includes all
copper die sets below except 07378.
KD12AL
10261
Die Kit for #6-750 Aluminum Connectors – Includes all
aluminum die sets below except 35776.
DIES FOR CRIMPING COLOR-CODED COPPER & ALUMINUM LUGS & SPLICES
“U” STYLE DIES
ALUMINUM
COPPER
CABLE SIZE
GREENLEE UPC NO.
BURNDY NO.
COLOR
GREENLEE UPC NO.
BURNDY NO.
COLOR
8 AWG
35776
U8CABT
Blue
07378
U8CRT
Red
6 AWG
35777
U6CABT
Gray
35776
U8CABT
Blue
4 AWG
35779
U4CABT
Green
35777
U6CABT
Gray
2 AWG
35780
U2CABT
Pink
35778
U2CRT
Brown
1 AWG
35791
U1CART
Gold
35779
U4CABT
Green
1/0 AWG
35792
U25ART
Tan
35780
U2CABT
Pink
2/0 AWG
35793
U26ART
Olive
35781
U26RT
Black
3/0 AWG
35794
U27ART
Ruby
35782
U27RT
Orange
4/0 AWG
35785
U28ART
White
35783
U28RT
Purple
250 kcmil (MCM)
35786
U29ART
Red
35784
U29RT
Yellow
300 kcmil (MCM)
35787
U30ART
Blue
35785
U28ART
White
350 kcmil (MCM)
35788
U31ART
Brown
35786
U29ART
Red
400 kcmil (MCM)
35789
U32ART
Green
35787
U30ART
Blue
500 kcmil (MCM)
35795
U34ART
Pink
35788
U31ART
Brown
600 kcmil (MCM)
35790
U36ART
Black
35789
U32ART
Green
750 kcmil (MCM)
35796
U39ART-2
Yellow
07379
U39RT
Black
DIES FOR USE WITH SERVICE ENTRANCE CONNECTORS, C-TAPS, H-TAPS, OVERHEAD AND
UNDERGROUND CONNECTORS
ADDITIONAL “U”-STYLE DIES
CAT. NO.
UPC NO.
BURNDY NO.
CAT. NO.
UPC NO.
BURNDY NO.
KD12-10
10188
U-BG
KD12-21
10199
U-249
KD12-11
10189
U-O
KD12-30
10200
U-D3
KD12-12
10190
U-C
KD12-31
10201
U-E
KD12-14
10192
U-161
KD12-32
10202
U-F
KD12-15
10193
U-162
KD12-35
10205
U-238
KD12-16
10194
U-163
KD12-36
10206
U-654
KD12-17
10195
U-165
KD12-37
10207
U-655
KD12-18
10196
U-166
KD12-38
10208
U-658
KD12-19
10197
U-243
KD12-39
10209
U-659
KD12-20
10198
U-247
Crimping Dies for 12-Ton Tools
All dies on this page for use with EK1230, EK1240, HK1230, HK1240,
RK1230, RK1240, HKL1230 tools and RK1550 equipped with 48802 die
adapter.
greenlee.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com