| Electronic Components Datasheet Search |
|
TMP112DX Datasheet(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP112DX Datasheet(HTML) 24 Page - Texas Instruments |
|
24 / 47 page ![]() Table 7-7. Pointer Register Byte P7 P6 P5 P4 P3 P2 P1 P0 0 0 0 0 0 0 Register Bits 7.5.2 Temperature Register The Temperature Register of the TMP112 family is configured as a 12-bit read-only register (setting the EM bit to 0 in the configuration register; see the Extended Mode section), or as a 13-bit read-only register (setting the EM bit to 1 in the configuration register) that stores the output of the most recent conversion. Two bytes must be read to obtain data and are listed in Table 7-8 and Table 7-9. Byte 1 is the most significant byte (MSB), followed by byte 2, the least significant byte (LSB). The first 12 bits (13 bits in extended mode) are used to indicate temperature. The least significant byte does not have to be read if that information is not needed. Table 7-8. Byte 1 of Temperature Register Note: Extended mode 13-bit configuration shown in parentheses. BYTE D7 D6 D5 D4 D3 D2 D1 D0 1 T11 T10 T9 T8 T7 T6 T5 T4 (T12) (T11) (T10) (T9) (T8) (T7) (T6) (T5) Table 7-9. Byte 2 of Temperature Register Note: Extended mode 13-bit configuration shown in parentheses. BYTE D7 D6 D5 D4 D3 D2 D1 D0 2 T3 T2 T1 T0 0 0 0 0 (T4) (T3) (T2) (T1) (T0) (0) (0) (1) 7.5.3 Configuration Register The Configuration Register is a 16-bit read/write register used to store bits that control the operational modes of the temperature sensor. Read/write operations are performed MSB first. Table 7-10 lists the format and power-up and reset values of the configuration register. For compatibility, the first byte corresponds to the Configuration Register in the TMP75 and TMP275 devices. All registers are updated byte by byte. Table 7-10. Configuration and Power-Up/Reset Formats BYTE D7 D6 D5 D4 D3 D2 D1 D0 1 OS R1 R0 F1 F0 POL TM SD 0 1 1 0 0 0 0 0 2 CR1 CR0 AL EM 0 0 0 0 1 0 1 0 0 0 0 0 7.5.3.1 Shutdown Mode (SD) The Shutdown mode bit saves maximum power by shutting down all device circuitry other than the serial interface, reducing current consumption to typically less than 0.5 μA for SOT563-6 package and 0.15 μA for X2SON-5 package. Shutdown mode is enabled when the SD bit = 1; the device shuts down when current conversion is completed. When SD = 0, the device maintains a continuous conversion state. 7.5.3.2 Thermostat Mode (TM) The Thermostat mode bit indicates to the device whether to operate in Comparator mode (TM = 0 shown in Figure 7-9) or Interrupt mode (TM = 1 shown in Figure 7-10). For more information on Comparator and Interrupt modes, see the High- and Low-Limit Registers section. TMP112 SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024 www.ti.com 24 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TMP112 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |