Electronic Components Datasheet Search
  English  ▼

X  

MM2010 Datasheet(PDF) 1 Page - TM Electronics Inc

Part # MM2010
Description  FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TM [TM Electronics Inc]
Direct Link  
Logo TM - TM Electronics Inc

MM2010 Datasheet(HTML) 1 Page - TM Electronics Inc

  MM2010 Datasheet HTML 1Page - TM Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
KA01
FINE WIRE (PTFE) THERMOCOUPLE SENSOR
TYPE ‘K’
FINE WIRE SENSOR - Type ‘K’
Description
This sensor is constructed using a 1M length PTFE wire constructed as a twisted pair. The wire
used is Class 1 Type K alloys (NiCr / NiAl). A weld bead is manufactured at one end of the wire
whilst the other end is terminated in a moulded miniature thermocouple plug.
Sensor Features
MOULDED PLUG
The use of a moulded plug gives a robust construction as well as providing a waterproof termination.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±01.5°C ±0.25%)
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -50 TO 250 °C
TIME RESPONSE
(96% of value in moving gas)
: 0.1 Secs
MEASUREMENT RANGE
: -50 TO 250 °C
Cross-reference for compatible instruments
Suitable instruments for use with this probe
TME PART No
DESCRIPTION
APPLICATION
MM2000
SINGLE INPUT INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT
MM2010
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES
MM2020
DIFFERENTIAL INSTRUMENT
DUAL INPUT INSTRUMENT FOR DIFFERENTIAL MEASUREMENTS
MM2030
THERMOCOUPLE SIMULATOR
HIGH ACCURACY SIMULATOR WITH MEASUREMENT FACILITY


Similar Part No. - MM2010

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2010 TM-MM2010 Datasheet
252Kb / 2P
SURFACE (BAND) PROBE TYPE ‘K’
MM2010 TM-MM2010 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2010 ETC-MM2010 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2010 ETC-MM2010 Datasheet
69Kb / 1P
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
MM2010 ETC-MM2010 Datasheet
68Kb / 1P
PLUG MOUNTED NEEDLE PROBE TYPE ‘K’
More results

Similar Description - MM2010

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
20457 RHOPOINT-20457 Datasheet
102Kb / 1P
Heat flux sensor with integral thermocouple
27036-2 RHOPOINT-27036-2 Datasheet
99Kb / 1P
Heat flux sensor with integral thermocouple
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
SHEATH TYPE THERMOCOUPLE
logo
List of Unclassifed Man...
KA02 ETC2-KA02 Datasheet
97Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
logo
WAGO Kontakttechnik Gmb...
750-469-003-000 WAGO-750-469-003-000 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
753-469 WAGO-753-469 Datasheet
585Kb / 11P
2-channel analog input; Thermocouple K; Diagnostics
753-469-003-000 WAGO-753-469-003-000 Datasheet
472Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
logo
Maxim Integrated Produc...
MAX31855EVKIT MAXIM-MAX31855EVKIT Datasheet
918Kb / 12P
Includes Everything Needed to Evaluate a K-Type Thermocouple
19-6072; Rev 0; 10/11
logo
Omega Engineering, Inc.
SPIR OMEGA-SPIR Datasheet
194Kb / 1P
Thermocouple Wire Fine Diameter Base Metal
SPPL OMEGA-SPPL Datasheet
313Kb / 2P
Platinum-Rhodium-Single Fine-Diameter Thermocouple Wire for High-Temperature Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com