Electronic Components Datasheet Search
  English  ▼

X  

KD0545PFS3-8 Datasheet(PDF) 4 Page - Sunon Fans

Part # KD0545PFS3-8
Description  DC Brushless Fan
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNON [Sunon Fans]
Direct Link  https://www.sunon.com
Logo SUNON - Sunon Fans

KD0545PFS3-8 Datasheet(HTML) 4 Page - Sunon Fans

  KD0545PFS3-8 Datasheet HTML 1Page - Sunon Fans KD0545PFS3-8 Datasheet HTML 2Page - Sunon Fans KD0545PFS3-8 Datasheet HTML 3Page - Sunon Fans KD0545PFS3-8 Datasheet HTML 4Page - Sunon Fans KD0545PFS3-8 Datasheet HTML 5Page - Sunon Fans KD0545PFS3-8 Datasheet HTML 6Page - Sunon Fans KD0545PFS3-8 Datasheet HTML 7Page - Sunon Fans KD0545PFS3-8 Datasheet HTML 8Page - Sunon Fans  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1.9
1.2
1.9
1.2
0.39
0.24
0.39
0.24
31.5
26.5
31
26
44
44
44
44
18.5
15.2
17.8
14.8
4200
3500
4000
3300
5
5
5
5
0.15
0.13
0.135
0.11
KD0506PHB2
KD0506PHB3
KD0506PHS2
KD0506PHS3
Bearing
Sleeve
BALL
2BALL
Model
P/N
Rating
Voltage
(VDC)
Power
Current
(AMP)
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Static
Pressure
(Inch-H2O)
Noise
(dBA)
Weight
(g)
OC
OC
OC
OC
OC
OC
11
11
11
11
11
11
0.6
0.5
0.35
0.7
0.6
0.35
1.9
1.6
1.2
2.0
1.4
1.2
0.12
0.10
0.07
0.13
0.11
0.07
0.16
0.13
0.10
0.17
0.12
0.10
31.5
30
22
30.5
29
21
37
32
28.5
36
31
27
24
24
24
24
24
24
17
17
17
17
17
17
10.2
9.2
7.2
9.6
8
7
15.5
13.3
11.5
15.2
13
11
5400
4700
3800
5100
4300
3500
6300
5500
4700
6100
5200
4300
5
5
5
5
5
5
12
12
12
12
12
12
0.11
0.10
0.07
0.105
0.09
0.065
0.18
0.14
0.11
0.17
0.13
0.10
50x50x10 mm
KD0505PFB1-8
KD0505PFB2-8
KD0505PFB3-8
KD0505PFS1-8
KD0505PFS2-8
KD0505PFS3-8
KD1205PFBX
KD1205PFB1
KD1205PFB2
KD1205PFSX
KD1205PFS1
KD1205PFS2
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
50x50x15 mm
12
12
12
12
12
12
0.13
0.08
0.06
0.13
0.08
0.06
1.5
1.0
0.7
1.5
1.0
0.7
5800
4700
3700
5800
4700
3700
17
13
10.2
17
13
10.2
0.23
0.17
0.12
0.23
0.17
0.12
34
29.5
22.5
33
29
22
37
37
37
37
37
37
KD1205PHB1
KD1205PHB2
KD1205PHB3
KD1205PHS1
KD1205PHS2
KD1205PHS3
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
H
H
H
H
H
H
H.G
H.G
H.G
H.G
H.G
H.G
1.4
1.0
0.7
1.4
1.0
0.7
0.12
0.08
0.06
0.12
0.08
0.06
36.5
30.5
27
36
30
26
26
26
26
26
26
26
15
13
10.2
15
13
10.2
5700
4700
4000
5700
4700
4000
12
12
12
12
12
12
0.16
0.12
0.08
0.16
0.12
0.08
KD1255PFB1
KD1255PFB2
KD1255PFB3
KD1255PFS1
KD1255PFS2
KD1255PFS3
Model
Bearing
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
55x55x10 mm
60x60x10mm
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
H.G
H.G
H.G
H.G
H.G
H.G
1.4
1.0
0.8
1.4
1.0
0.8
0.12
0.08
0.07
0.12
0.08
0.07
36
35
29
35
34.5
28.5
27
27
27
27
27
27
16.5
14
11.3
16.5
14
11.3
5200
4300
3600
5200
4300
3600
12
12
12
12
12
12
0.17
0.12
0.07
0.17
0.12
0.07
KD1206PFB1
KD1206PFB2
KD1206PFB3
KD1206PFS1
KD1206PFS2
KD1206PFS3
60x60x15mm (5v)
Bearing
Model
P/N
(VDC)
(AMP)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
Sunon General DC Brushless Fan
Sunon General DC Brushless Fan
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com