Electronic Components Datasheet Search
  English  ▼

X  

30KP Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 30KP
Description  30000W TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

30KP Datasheet(HTML) 3 Page - Won-Top Electronics

  30KP Datasheet HTML 1Page - Won-Top Electronics 30KP Datasheet HTML 2Page - Won-Top Electronics 30KP Datasheet HTML 3Page - Won-Top Electronics 30KP Datasheet HTML 4Page - Won-Top Electronics 30KP Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: February, 2014
3
Electrical Characteristics (@TA=25°C unless otherwise specified) Table 1
Breakdown Voltage
VBR (V) @IT
Uni-Directional
Part No.
Bi-Directional
Part No.
Reverse
Stand-Off
Voltage
VRWM (V)
Min.
Test
Current
IT (mA)
Maximum
Clamping
Voltage @IPP
VC (V)
Peak Pulse
Current
IPP (A)
Reverse
Leakage*
@VRWM
IR (µA)
30KP28A
30KP30A
30KP33A
30KP36A
30KP28CA
30KP30CA
30KP33CA
30KP36CA
28.0
30.0
33.0
36.0
31.28
33.51
36.90
40.20
50
50
50
50
50.0
55.2
58.5
61.8
606.0
548.9
517.9
490.3
5000
5000
5000
5000
30KP39A
30KP42A
30KP43A
30KP45A
30KP39CA
30KP42CA
30KP43CA
30KP45CA
39.0
42.0
43.0
45.0
43.60
46.90
48.00
50.30
20
10
10
5
67.2
72.0
73.0
77.4
450.9
420.8
415.1
391.5
2000
1000
1000
250
30KP48A
30KP51A
30KP54A
30KP58A
30KP48CA
30KP51CA
30KP54CA
30KP58CA
48.0
51.0
54.0
58.0
53.60
57.00
60.30
64.80
5
5
5
5
81.6
86.4
91.4
92.4
371.3
350.7
331.5
327.9
150
50
20
20
30KP60A
30KP64A
30KP66A
30KP70A
30KP60CA
30KP64CA
30KP66CA
30KP70CA
60.0
64.0
66.0
70.0
67.00
71.50
73.70
78.20
5
5
5
5
102.0
104.0
107.0
109.0
297.1
291.3
283.2
278.0
15
10
2
2
30KP71A
30KP72A
30KP75A
30KP78A
30KP71CA
30KP72CA
30KP75CA
30KP78CA
71.0
72.0
75.0
78.0
79.30
80.40
83.80
87.10
5
5
5
5
111.5
114.0
119.4
129.0
271.7
265.8
253.8
234.9
2
2
2
2
30KP84A
30KP90A
30KP96A
30KP102A
30KP84CA
30KP90CA
30KP96CA
30KP102CA
84.0
90.0
96.0
102.0
93.80
100.50
107.20
113.90
5
5
5
5
139.2
146.4
156.0
165.6
217.7
207.0
194.2
183.0
2
2
2
2
30KP108A
30KP120A
30KP132A
30KP144A
30KP108CA
30KP120CA
30KP132CA
30KP144CA
108.0
120.0
132.0
144.0
120.60
134.00
147.40
160.80
5
5
5
5
175.2
194.4
213.0
223.2
172.9
155.9
142.3
135.8
2
2
2
2
30KP150A
30KP156A
30KP160A
30KP168A
30KP150CA
30KP156CA
30KP160CA
30KP168CA
150.0
156.0
160.0
168.0
167.60
174.30
178.70
187.70
5
5
5
5
233.4
245.0
252.6
272.4
129.8
123.7
120.0
111.2
2
2
2
2
30KP170A
30KP180A
30KP198A
30KP216A
30KP170CA
30KP180CA
30KP198CA
30KP216CA
170.0
180.0
198.0
216.0
189.90
201.10
221.20
241.30
5
5
5
5
275.0
290.4
319.8
348.6
110.2
104.3
94.7
86.9
2
2
2
2
30KP240A
30KP258A
30KP260A
30KP270A
30KP240CA
30KP258CA
30KP260CA
30KP270CA
240.0
258.0
260.0
270.0
268.10
288.20
290.40
301.60
5
5
5
5
387.0
416.4
416.0
436.2
78.3
72.8
72.8
69.5
2
2
2
2
30KP280A
30KP288A
30KP280CA
30KP288CA
280.0
288.0
312.80
321.70
5
5
464.0
469.9
65.3
64.5
2
2
*For bi-directional devices VRWM ≤ 60V, the IR limit is double.
30KP SERIES
WON-TOP ELECTRONICS
®



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com