Electronic Components Datasheet Search
  English  ▼

X  

3KP10 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # 3KP10
Description  3000W TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP10 Datasheet(HTML) 4 Page - Won-Top Electronics

  3KP10 Datasheet HTML 1Page - Won-Top Electronics 3KP10 Datasheet HTML 2Page - Won-Top Electronics 3KP10 Datasheet HTML 3Page - Won-Top Electronics 3KP10 Datasheet HTML 4Page - Won-Top Electronics 3KP10 Datasheet HTML 5Page - Won-Top Electronics 3KP10 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
4
Revision: September, 2012
Electrical Characteristics (@TA=25°C unless otherwise specified) Table 1 (Cont’d)
Breakdown Voltage
VBR (V) @IT
Uni-Directional
Part No.
Bi-Directional
Part No.
Reverse
Stand-Off
Voltage
VRWM (V)
Min.
Max.
Test
Current
IT (mA)
Maximum
Clamping
Voltage @IPP
VC (V)
Peak Pulse
Current
IPP (A)
Reverse
Leakage*
@VRWM
IR (µA)
3KP60
3KP60A
3KP64
3KP64A
3KP60C
3KP60CA
3KP64C
3KP64CA
60.0
60.0
64.0
64.0
66.70
66.70
71.10
71.10
81.50
73.70
86.90
78.60
5
5
5
5
107.0
96.8
114.0
103.0
28.04
30.99
26.32
29.13
2
2
2
2
3KP70
3KP70A
3KP75
3KP75A
3KP70C
3KP70CA
3KP75C
3KP75CA
70.0
70.0
75.0
75.0
77.80
77.80
83.30
83.30
95.10
86.00
102.00
92.10
5
5
5
5
125.0
113.0
134.0
121.0
24.00
26.55
22.39
24.79
2
2
2
2
3KP78
3KP78A
3KP85
3KP85A
3KP78C
3KP78CA
3KP85C
3KP85CA
78.0
78.0
85.0
85.0
86.70
86.70
94.40
94.40
106.00
95.80
115.00
104.00
5
5
5
5
139.0
126.0
151.0
137.0
21.58
23.81
19.87
21.90
2
2
2
2
3KP90
3KP90A
3KP100
3KP100A
3KP90C
3KP90CA
3KP100C
3KP100CA
90.0
90.0
100.0
100.0
100.00
100.00
111.00
111.00
122.00
111.00
136.00
123.00
5
5
5
5
160.0
146.0
179.0
162.0
18.75
20.55
16.76
18.52
2
2
2
2
3KP110
3KP110A
3KP120
3KP120A
3KP110C
3KP110CA
3KP120C
3KP120CA
110.0
110.0
120.0
120.0
122.00
122.00
133.00
133.00
149.00
135.00
163.00
147.00
5
5
5
5
196.0
177.0
214.0
193.0
15.31
16.95
14.02
15.54
2
2
2
2
3KP130
3KP130A
3KP150
3KP150A
3KP130C
3KP130CA
3KP150C
3KP150CA
130.0
130.0
150.0
150.0
144.00
144.00
167.00
167.00
176.00
159.00
204.00
185.00
5
5
5
5
231.0
209.0
268.0
243.0
12.99
14.35
11.19
12.35
2
2
2
2
3KP160
3KP160A
3KP170
3KP170A
3KP160C
3KP160CA
3KP170C
3KP170CA
160.0
160.0
170.0
170.0
178.00
178.00
189.00
189.00
218.00
197.00
231.00
209.00
5
5
5
5
287.0
259.0
304.0
275.0
10.45
11.58
9.87
10.91
2
2
2
2
3KP180
3KP180A
3KP190
3KP190A
3KP180C
3KP180CA
3KP190C
3KP190CA
180.0
180.0
190.0
190.0
200.00
200.00
211.00
211.00
244.80
220.00
258.40
232.00
5
5
5
5
322.2
291.6
340.1
307.8
9.31
10.29
8.82
9.75
2
2
2
2
3KP200A
3KP210A
3KP220A
3KP250A
3KP200CA
3KP210CA
3KP220CA
3KP250CA
200.0
210.0
220.0
250.0
224.00
233.00
246.00
279.00
247.00
258.00
272.00
309.00
5
5
5
5
324.0
349.5
356.0
405.0
9.26
8.58
8.43
7.41
2
2
2
2
3KP300A
3KP350A
3KP400A
3KP440A
3KP300CA
3KP350CA
3KP400CA
3KP440CA
300.0
350.0
400.0
440.0
335.00
391.00
447.00
492.00
371.00
432.00
494.00
543.00
5
5
5
5
486.0
567.0
648.0
713.0
6.17
5.29
4.63
4.21
2
2
2
2
3KP SERIES
WON-TOP ELECTRONICS
®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com