Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 3 Page - Won-Top Electronics

Part # ZMM5259B
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

ZMM5259B Datasheet(HTML) 3 Page - Won-Top Electronics

  ZMM5259B Datasheet HTML 1Page - Won-Top Electronics ZMM5259B Datasheet HTML 2Page - Won-Top Electronics ZMM5259B Datasheet HTML 3Page - Won-Top Electronics ZMM5259B Datasheet HTML 4Page - Won-Top Electronics ZMM5259B Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
3
Electrical Characteristics (@TA=25°C unless otherwise specified) Table 1
Zener Voltage Range
(Note 2)
Maximum Zener Impedance
(Note 3)
Max Reverse
Leakage Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
Typical Temp.
Coefficient of
Zener Voltage
Type
Number
(Note 1)
Nom (V)
Min (V)
Max (V)
(Ω)
(mA)
(Ω)
(mA)
(µA)
(V)
(%/°C)
ZMM5221B
ZMM5222B
ZMM5223B
ZMM5225B
2.4
2.5
2.7
3.0
2.28
2.38
2.57
2.85
2.52
2.63
2.84
3.15
30
30
30
29
20
20
20
20
1200
1250
1300
1600
0.25
0.25
0.25
0.25
100
100
75
50
1.0
1.0
1.0
1.0
-0.075
-0.075
-0.075
-0.075
ZMM5226B
ZMM5227B
ZMM5228B
ZMM5229B
3.3
3.6
3.9
4.3
3.14
3.42
3.71
4.09
3.47
3.78
4.10
4.52
28
24
23
22
20
20
20
20
1600
1700
1900
2000
0.25
0.25
0.25
0.25
25
15
10
5.0
1.0
1.0
1.0
1.0
-0.070
-0.065
-0.060
-0.055
ZMM5230B
ZMM5231B
ZMM5232B
ZMM5233B
ZMM5234B
4.7
5.1
5.6
6.0
6.2
4.47
4.85
5.32
5.70
5.89
4.94
5.36
5.88
6.30
6.51
19
17
11
7.0
7.0
20
20
20
20
20
1900
1600
1600
1600
1000
0.25
0.25
0.25
0.25
0.25
5.0
5.0
5.0
5.0
5.0
2.0
2.0
3.0
3.5
4.0
±0.030
±0.030
+0.038
+0.038
+0.045
ZMM5235B
ZMM5236B
ZMM5237B
ZMM5238B
ZMM5239B
6.8
7.5
8.2
8.7
9.1
6.46
7.13
7.79
8.27
8.65
7.14
7.88
8.61
9.14
9.56
5.0
6.0
8.0
8.0
10
20
20
20
20
20
750
500
500
600
600
0.25
0.25
0.25
0.25
0.25
3.0
3.0
3.0
3.0
3.0
5.0
6.0
6.5
6.5
7.0
+0.050
+0.058
+0.062
+0.065
+0.068
ZMM5240B
ZMM5241B
ZMM5242B
ZMM5243B
10
11
12
13
9.50
10.45
11.40
12.35
10.50
11.55
12.60
13.65
17
22
30
13
20
20
20
9.5
600
600
600
600
0.25
0.25
0.25
0.25
3.0
2.0
1.0
0.5
8.0
8.4
9.1
9.9
+0.075
+0.076
+0.077
+0.079
ZMM5245B
ZMM5246B
ZMM5248B
ZMM5250B
15
16
18
20
14.25
15.20
17.10
19.00
15.75
16.80
18.90
21.00
16
17
21
25
8.5
7.8
7.0
6.2
600
600
600
600
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
11
12
14
15
+0.082
+0.083
+0.085
+0.086
ZMM5251B
ZMM5252B
ZMM5254B
ZMM5255B
22
24
27
28
20.90
22.80
25.65
26.60
23.10
25.20
28.35
29.40
29
33
41
44
5.6
5.2
4.6
4.5
600
600
600
600
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
17
18
21
21
+0.087
+0.087
+0.090
+0.091
ZMM5256B
ZMM5257B
ZMM5258B
ZMM5259B
30
33
36
39
28.50
31.35
34.20
37.05
31.50
34.65
37.80
40.95
49
58
70
80
4.2
3.8
3.4
3.2
600
700
700
800
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
23
25
27
30
+0.091
+0.092
+0.093
+0.094
ZMM5260B
ZMM5261B
ZMM5262B
ZMM5263B
43
47
51
56
40.85
44.65
48.45
53.20
45.15
49.35
53.55
58.80
93
105
125
150
3.0
2.7
2.5
2.2
900
1000
1100
1300
0.25
0.25
0.25
0.25
0.1
0.1
0.1
0.1
33
36
39
43
+0.095
+0.095
+0.096
+0.096
ZMM5264B
ZMM5265B
ZMM5266B
60
62
68
57.00
58.90
64.60
63.00
65.10
71.40
170
185
230
2.1
2.0
1.8
1400
1400
1600
0.25
0.25
0.25
0.1
0.1
0.1
46
47
52
+0.097
+0.097
+0.097
Note: 1. Type numbers listed have standard tolerance on the nominal zener voltage of ±5%.
2. Measured with device junction in thermal equilibrium.
3. f = 1KHz
ZMM5221B – ZMM5266B
WON-TOP ELECTRONICS
®



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com