Electronic Components Datasheet Search
  English  ▼

X  

33982B Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33982B
Description  Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982B Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33982B Datasheet HTML 19Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 20Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982B Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33982
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
direct control, a Logic [1] for the D0 bit will result in a Boolean
AND of the IN pin with its corresponding D0 message bit
when addressing the OCR register. Similarly, a Logic [0] on
the D0 pin will result in a Boolean OR of the IN pin with the
corresponding message bits when addressing the OCR
register.
The DICR register is useful if there is a need to
independently turn on and off several loads that are PWM’d
at the same frequency and duty cycle with only one PWM
signal. This type of operation can be accomplished by
connecting the pertinent direct IN pins of several devices to a
PWM output port from the MCU and configuring each of the
outputs to be controlled via their respective direct IN pin. The
DICR is then used to Boolean AND the direct IN(s) of each of
the outputs with the dedicated SPI bit that also controls the
output. Each configured SPI bit can now be used to enable
and disable the common PWM signal from controlling its
assigned output.
A Logic [1] on bit D2 is used to select the high ratio (CSR1,
1/40000) on the CSNS pin. The default value [0] is used to
select the low ratio (CSR0, 1/5400). A Logic [1] on bit D3 is
used to select the high-speed slew rate. The default value [0]
corresponds to the low speed slew rate.
Address 0101—Output Switching Delay Register (OSDR)
The OSDR register is used to configure the device with a
programmable time delay that is active during Output On
transitions that are initiated via SPI (not via direct input).
Whenever the input is commanded to transition from
Logic [0] to Logic [1], the output will be held OFF for the time
delay configured in the OSDR register.
The programming of the contents of this register has no
effect on device Fail-Safe mode operation. The default value
of the OSDR register is 000, equating to no delay, since the
switching delay time is 0 ms. This feature allows the user a
way to minimize inrush currents, or surges, thereby allowing
loads to be synchronously switched ON with a single
command.
Table 13 shows the eight selectable output switching delay
times, which range from 0 ms to 525 ms.
Address 1101—Watchdog Register (WDR)
The WDR register is used by the MCU to configure the
watchdog time-out. Watchdog time-out is configured using
bits D1 and D0 (Table 14). When bits D1 and D0 are
programmed for the desired watchdog time-out period, the
WD bit (D7) should be toggled as well to ensure that the new
time-out period is programmed at the beginning of a new
count sequence.
Address 0110—No Action Register (NAR)
The NAR register can be used to no-operation fill SPI data
packets in a daisy chain SPI configuration. This allows
devices to not be affected by commands being clocked over
a daisy-chained SPI configuration, and by toggling the WD bit
(D7) the watchdog circuitry will continue to be reset while no
programming or data readback functions are being requested
from the device.
Table 13. Switching Delay
OSD[2:0] (D2:D0)
Turn ON Delay (ms)
000
0
001
75
010
150
011
225
100
300
101
375
110
450
111
525
Table 14. Watchdog Time-out
WD[1:0] (D1:D0)
Timing (ms)
00
620
01
310
10
2500
11
1250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com